Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8712 Datasheet(PDF) 24 Page - Active-Semi, Inc

Part # ACT8712
Description  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8712 Datasheet(HTML) 24 Page - Active-Semi, Inc

Back Button ACT8712 Datasheet HTML 20Page - Active-Semi, Inc ACT8712 Datasheet HTML 21Page - Active-Semi, Inc ACT8712 Datasheet HTML 22Page - Active-Semi, Inc ACT8712 Datasheet HTML 23Page - Active-Semi, Inc ACT8712 Datasheet HTML 24Page - Active-Semi, Inc ACT8712 Datasheet HTML 25Page - Active-Semi, Inc ACT8712 Datasheet HTML 26Page - Active-Semi, Inc ACT8712 Datasheet HTML 27Page - Active-Semi, Inc ACT8712 Datasheet HTML 28Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
WLED BIAS DC/DC CONVERTER
Rev0, 25-Feb-08
ACT8712
Innovative Products. Active Solutions.
- 24 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
REGISTER DESCRIPTIONS
Note: See Table 1 for default register settings.
Table 8:
REG3 Control Register Map
Table 9:
REG3 Control Register Bit Descriptions
ADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
30h
R
VSET
31h
R
W/E
32h
W/E
W/E
W/E
W/E
W/E
W/E
W/E
33h
W/E
W/E
W/E
W/E
OK
ON
R
W/E
R
R
R
R
R
R
R
R
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
30h
VSET
[5:0]
R/W
REG3 Over Voltage Threshold
Selection
See Table 10
30h
[7:6]
R
READ ONLY
31h
[0]
W/E
WRITE-EXACT
31h
[7:1]
R
READ ONLY
32h
[7:0]
W/E
WRITE-EXACT
33h
ON
[0]
R/W
REG3 Enable
0
REG3 Disable
1
REG3 Enable
33h
OK
[1]
R
REG3 Power-OK
0
Output is not OK
1
Output is OK
33h
[2]
W/E
33h
[4:3]
R
READ ONLY
33h
[7:5]
W/E
WRITE-EXACT
WRITE-EXACT
R: Read-Only bits. Default Values May Vary.
W/E: Write-Exact bits. Read/Write bits which must be written exactly as specified in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com