Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8712 Datasheet(PDF) 32 Page - Active-Semi, Inc

Part # ACT8712
Description  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8712 Datasheet(HTML) 32 Page - Active-Semi, Inc

Back Button ACT8712 Datasheet HTML 28Page - Active-Semi, Inc ACT8712 Datasheet HTML 29Page - Active-Semi, Inc ACT8712 Datasheet HTML 30Page - Active-Semi, Inc ACT8712 Datasheet HTML 31Page - Active-Semi, Inc ACT8712 Datasheet HTML 32Page - Active-Semi, Inc ACT8712 Datasheet HTML 33Page - Active-Semi, Inc ACT8712 Datasheet HTML 34Page - Active-Semi, Inc ACT8712 Datasheet HTML 35Page - Active-Semi, Inc ACT8712 Datasheet HTML 36Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
SINGLE-CELL Li+ BATTERY CHARGER (CHGR)
Rev0, 25-Feb-08
ACT8712
Innovative Products. Active Solutions.
- 32 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
TYPICAL PERFORMANCE CHARACTERISTICS
(ACT8712QLEHA, VVIN = 5V, TA = 25°C, unless otherwise specified.)
Charge Termination Voltage
Temperature (°C)
4.210
4.190
70
10
0
20
30
40
50
4.208
4.206
4.204
4.202
4.200
4.198
4.196
4.194
4.192
60
Maximum Charge Current
1100
0
Temperature (°C)
-40
125
800
600
400
200
-25
95
65
35
5
Temperature (°C)
3.0
70
2.5
Trickle-Charge Threshold
2.9
2.8
2.7
2.6
10
0
20
30
40
50
60
VBAT RISING
VBAT FALLING
SUSPEND Mode Battery Current
5
0
70
Temperature (°C)
10
20
30
40
50
60
4
3
2
1
0
VIN FLOATING
VIN = GA
VVIN = 5V
CHGLEV Drive Current Threshold
6
Temperature (°C)
85
0
3
-3
-40
-20
0
20
40
60
-6
LOGIC HIGH INPUT
FLOATING INPUT
LOGIC LOW INPUT
MOSFET Resistance
350
Temperature (°C)
0
70
300
250
200
150
100
50
10
20
30
40
50
60
0
CHGLEV = VSYS
CHGLEV = GA
1000
CHARGE CURRENT LIMITED BY
THERMAL CONTROL CIRCUITRY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com