Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8712 Datasheet(PDF) 31 Page - Active-Semi, Inc

Part # ACT8712
Description  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8712 Datasheet(HTML) 31 Page - Active-Semi, Inc

Back Button ACT8712 Datasheet HTML 27Page - Active-Semi, Inc ACT8712 Datasheet HTML 28Page - Active-Semi, Inc ACT8712 Datasheet HTML 29Page - Active-Semi, Inc ACT8712 Datasheet HTML 30Page - Active-Semi, Inc ACT8712 Datasheet HTML 31Page - Active-Semi, Inc ACT8712 Datasheet HTML 32Page - Active-Semi, Inc ACT8712 Datasheet HTML 33Page - Active-Semi, Inc ACT8712 Datasheet HTML 34Page - Active-Semi, Inc ACT8712 Datasheet HTML 35Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
SINGLE-CELL Li+ BATTERY CHARGER (CHGR)
Rev0, 25-Feb-08
ACT8712
Innovative Products. Active Solutions.
- 31 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
REGISTER DESCRIPTIONS CONT’D
Table 12:
Battery Charger (CHGR) Control Register Bit Descriptions (Cont’d)
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
0Bh
SUSCHG
[0]
R/W
Suspend Charging
0
Charging Enable
1
Charging Disable
0Bh
CHGROK
[1]
R
Charge Status
0
Charging Error Occurred
1
Charging OK
0Bh
ICHGSET
[2]
R/W
Charge Current Selection
0
90mA
1
450mA
0Bh
[3]
W/E
0Bh
[7:4]
R
READ ONLY
WRITE-EXACT
Table 14:
Charge Current Setting for CHGLEV = 1
CHGLEV = 0
ISET1[3:0]
ISET2[3:0]
CURRENT(mA)
Any Value
90 if ICHGSET = 0
450 if ICHGSET = 1
0001
300
0010
350
0011
400
0100
450
0101
500
0110
550
0111
600
1000
650
1001
700
1010
750
1011
800
1100
850
1101
900
1110
950
1111
1000
0000
CHGLEV = 1
ISET1[3:0]
ISET2[3:0]
CURRENT(mA)
0000
450
0001
300
0010
350
0011
400
0100
450
0101
500
0110
550
0111
600
1000
650
1001
700
1010
750
1011
800
1100
850
1101
900
1110
950
1111
1000
Any Value
Table 13:
Charge Current Setting for CHGLEV = 0
: ICHGSET only has affect when CHGLEV = 0 and ISET2[3:0] = [0000]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com