Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8712 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT8712
Description  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8712 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT8712 Datasheet HTML 9Page - Active-Semi, Inc ACT8712 Datasheet HTML 10Page - Active-Semi, Inc ACT8712 Datasheet HTML 11Page - Active-Semi, Inc ACT8712 Datasheet HTML 12Page - Active-Semi, Inc ACT8712 Datasheet HTML 13Page - Active-Semi, Inc ACT8712 Datasheet HTML 14Page - Active-Semi, Inc ACT8712 Datasheet HTML 15Page - Active-Semi, Inc ACT8712 Datasheet HTML 16Page - Active-Semi, Inc ACT8712 Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
SYSTEM MANAGEMENT
Rev0, 25-Feb-08
ACT8712
Innovative Products. Active Solutions.
- 13 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
nMSTR Enable Input
In most applications, connect nMSTR to an active
low, momentary push-button switch to utilize the
ACT8712’s closed-loop enable/disable functionality.
If a momentary-on switch is not used, drive nMSTR
to GA or to a logic low to initiate a startup se-
quence.
Enable/Disable Inputs (ON1 and ON2)
The ACT8712 provides two manual enable/disable
inputs, ON1 and ON2. ON1 is the master enable
input. When driven high, ON1 enables REG1 and
REG2. ON2 is the enable input for REG3. ON2 is
used to enable REG3 when any of the following
conditions exists:
1) A valid supply voltage is present at VIN,
2) nMSTR is asserted low, or
3) ON1 is asserted high.
Power-On Reset Output
The ACT8712 integrates a 260ms power-on reset
generator, reducing system size and cost. nRSTO
is an open-drain output. Connect a 10kΩ or greater
pull-up resistor from nRSTO to an appropriate volt-
age supply, typically OUT2. nRSTO asserts low
upon startup and remains low until the reset-timeout
period expires, at which point nRSTO goes high-Z.
nIRQ Output
The ACT8712 provides an active-low, open-drain
push-button status output that sinks current when
nMSTR is driven to a logic-low. Connect a pull-up
resistor from nIRQ to an appropriate voltage supply.
nIRQ is typically used to drive the interrupt input of
the system processor, and is useful in a variety of
software-controlled enable/disable control routines.
Thermal Shutdown
The ACT8712 integrates thermal shutdown protec-
tion circuitry to prevent damage resulting from ex-
cessive thermal stress, as may be encountered un-
der fault conditions. This circuitry disables all regu-
lators if the ACT8712 die temperature exceeds
160°C, and prevents the regulators from being en-
abled until the IC temperature drops by 20°C (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com