Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8712 Datasheet(PDF) 33 Page - Active-Semi, Inc

Part # ACT8712
Description  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8712 Datasheet(HTML) 33 Page - Active-Semi, Inc

Back Button ACT8712 Datasheet HTML 28Page - Active-Semi, Inc ACT8712 Datasheet HTML 29Page - Active-Semi, Inc ACT8712 Datasheet HTML 30Page - Active-Semi, Inc ACT8712 Datasheet HTML 31Page - Active-Semi, Inc ACT8712 Datasheet HTML 32Page - Active-Semi, Inc ACT8712 Datasheet HTML 33Page - Active-Semi, Inc ACT8712 Datasheet HTML 34Page - Active-Semi, Inc ACT8712 Datasheet HTML 35Page - Active-Semi, Inc ACT8712 Datasheet HTML 36Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
SINGLE-CELL Li+ BATTERY CHARGER (CHGR)
Rev0, 25-Feb-08
ACT8712
Innovative Products. Active Solutions.
- 33 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
General Description
The ACT8712's internal battery charger is a full-
featured, intelligent, linear-mode, single-cell charger
for Lithium-based cells. This charger provides a
complete selection of advanced functions and re-
quires minimum system design effort.
The core of the charger is a CC/CV (Constant- Cur-
rent/Constant-Voltage), linear-mode charge control-
ler with a highly-accurate charge termination thresh-
old. This controller incorporates current and voltage
sense circuitry, an internal power MOSFET, a full-
featured state-machine that implements charge
control and safety features, and circuitry that elimi-
nates the reverse-blocking diode required by con-
ventional charger designs. The ACT8712’s charger
also features thermal-regulation circuitry that pro-
tects it against excessive junction temperature, al-
lowing the fastest possible charging times, as well
as proprietary input protection circuitry that makes
the charger robust against input voltage transients
that can damage other chargers.
CC/CV Regulation Loop
At the core of the ACT8712's battery charger is a
CC/CV regulation loop, which regulates either cur-
rent or voltage as necessary to ensure fast and safe
charging of the battery. In a normal charge cycle,
this loop regulates the charge current to the pro-
grammed charge current level and continues charg-
ing at this current until the battery cell voltage
reaches the charge termination voltage. Once the
cell reaches the Charge-Termination Threshold
Voltage, the CV loop takes over and charge current
is allowed to decrease as necessary to keep the
cell voltage at the charge termination voltage.
Charger Enable/Disable
When a valid input voltage is applied to VIN, the
battery charger is automatically enabled in order to
simplify system design and eliminate the need for
external input supply detection circuitry.
Once the charger is enabled, a charge cycle auto-
matically begins unless CHGLEV is floating,
CHGR/SUSCHG[ ] is set to [1], or a fault condition
has occurred.
Charger Status
During normal operation, the processor can read
the status of the input supply by reading
CHGR/VINPOK[ ], which is set to [1] when the fol-
lowing conditions are true:
1) The voltage at VIN is greater than the voltage at
BAT, and
2) The voltage at VIN is greater than the VIN
UVLO threshold.
Alternatively, the processor can read the status of
the charger by reading the CHGR/CHGROK[ ] bit,
which is set to [1] when the following conditions are
true:
1) The voltage at VIN is greater than the voltage at
BAT, and
2) The voltage at VIN is greater than the VIN
UVLO threshold, and
3) No fault has occurred.
Finally, the status of a charge cycle can be deter-
mine by reading the CHGR/CHGSTAT[ ] bit or by
evaluating the state of the nSTAT output. nSTAT is
an open-drain output that has an internal 8mA cur-
rent limit, and is capable of directly driving LEDs for
a visual charge-status indication without the need of
current-limiting resistors or other external circuitry.
To drive an LED, simply connect the LED between
an appropriate supply, typically VIN, and nSTAT.
When a logic-level charge status indicator is de-
sired, simply connect a pull-up resistor of 10kΩ or
more from nSTAT to OUT2 or another suitable sup-
ply.
CHGR/CHGSTAT[ ] is set to [1] and nSTAT sinks
current when any of the following conditions are
true:
1) The charger is operating in the PRECONDI-
TION state, or
2) The charger is operating in the FAST-CHARGE
state, or
3) The charger is operating in the TOP-OFF state.
When
none
of
these
conditions
are
true,
CHGR/CHGSTAT[ ] is cleared to [0] and nSTAT
goes into a high-Z state.
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com