Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUJD103AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUJD103AD
Description  NPN power transistor with integrated diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJD103AD Datasheet(HTML) 3 Page - NXP Semiconductors

  BUJD103AD Datasheet HTML 1Page - NXP Semiconductors BUJD103AD Datasheet HTML 2Page - NXP Semiconductors BUJD103AD Datasheet HTML 3Page - NXP Semiconductors BUJD103AD Datasheet HTML 4Page - NXP Semiconductors BUJD103AD Datasheet HTML 5Page - NXP Semiconductors BUJD103AD Datasheet HTML 6Page - NXP Semiconductors BUJD103AD Datasheet HTML 7Page - NXP Semiconductors BUJD103AD Datasheet HTML 8Page - NXP Semiconductors BUJD103AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BUJD103AD_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 October 2009
3 of 14
NXP Semiconductors
BUJD103AD
NPN power transistor with integrated diode
Fig 1.
Test circuit for reverse bias safe operating area
Fig 2.
Reverse bias safe operating area
Fig 3.
Forward bias safe operating area for Tmb
≤ 25 °C
001aab999
DUT
LC
LB
IBon
VBB
VCC
VCL(CE)
probe point
VCEclamp (V)
0
1000
800
400
600
200
001aac000
4
6
2
8
10
IC
(A)
0
001aac001
10−1
10−2
10
1
102
IC
(A)
10−3
VCEclamp (V)
1
103
102
10
(1)
100
μs
200
μs
I(3)
tp = 20 μs
duty cycle = 0.01
50
μs
500
μs
DC
II(3)
III(3)
(2)
ICM(max)
IC(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com