Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUJD103AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUJD103AD
Description  NPN power transistor with integrated diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJD103AD Datasheet(HTML) 1 Page - NXP Semiconductors

  BUJD103AD Datasheet HTML 1Page - NXP Semiconductors BUJD103AD Datasheet HTML 2Page - NXP Semiconductors BUJD103AD Datasheet HTML 3Page - NXP Semiconductors BUJD103AD Datasheet HTML 4Page - NXP Semiconductors BUJD103AD Datasheet HTML 5Page - NXP Semiconductors BUJD103AD Datasheet HTML 6Page - NXP Semiconductors BUJD103AD Datasheet HTML 7Page - NXP Semiconductors BUJD103AD Datasheet HTML 8Page - NXP Semiconductors BUJD103AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BUJD103AD
NPN power transistor with integrated diode
Rev. 02 — 6 October 2009
Product data sheet
1.
Product profile
1.1 General description
High voltage, high speed, planar passivated NPN power switching transistor with
integrated anti-parallel E-C diode in a SOT428 (DPAK) surface-mountable plastic
package.
1.2 Features and benefits
Fast switching
High voltage capability
Integrated anti-parallel E-C diode
Very low switching and conduction
losses
1.3 Applications
DC-to-DC converters
Electronic lighting ballasts
Inverters
Motor control systems
1.4 Quick reference data
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
IC
collector current
-
-
4
A
Ptot
total power
dissipation
see Figure 4Tmb ≤ 25 °C
--80
W
VCESM
collector-emitter
peak voltage
VBE = 0 V
-
-
700
V
Static characteristics
hFE
DC current gain
IC = 500 mA; VCE =5V;
see Figure 12Tj =25°C
13
22
32
VCE =5V; IC =3A;
Tmb = 25 °C; see Figure 12
-
12.5
-


Similar Part No. - BUJD103AD

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BUJD103AD WEEN-BUJD103AD Datasheet
830Kb / 10P
Silicon diffused power transistor
logo
NXP Semiconductors
BUJD103AD PHILIPS-BUJD103AD_15 Datasheet
356Kb / 13P
NPN power transistor with integrated diode
Rev. 3-3 August 2010
More results

Similar Description - BUJD103AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUJD105AD NXP-BUJD105AD Datasheet
186Kb / 12P
NPN power transistor with integrated diode
Rev. 01-8 May 2009
BUJD203A NXP-BUJD203A Datasheet
341Kb / 14P
NPN power transistor with integrated diode
Rev. 02-2 December 2010
PHD13005 NXP-PHD13005 Datasheet
190Kb / 14P
NPN power transistor with integrated diode
Rev. 02-29 July 2010
BUJD203AX PHILIPS-BUJD203AX Datasheet
209Kb / 14P
NPN power transistor with integrated diode
Rev. 01-27 September 2010
BUJD103AD PHILIPS-BUJD103AD_15 Datasheet
356Kb / 13P
NPN power transistor with integrated diode
Rev. 3-3 August 2010
BUJD105AD PHILIPS-BUJD105AD_15 Datasheet
195Kb / 13P
NPN power transistor with integrated diode
Rev. 02-29 July 2010
BUJD203A PHILIPS-BUJD203A_15 Datasheet
341Kb / 14P
NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD203AX PHILIPS-BUJD203AX_15 Datasheet
209Kb / 14P
NPN power transistor with integrated diode
Rev. 01-27 September 2010
PHD13003C PHILIPS-PHD13003C_15 Datasheet
144Kb / 12P
NPN power transistor with integrated diode
Rev. 01-29 July 2010
logo
WeEn Semiconductors
BUJD105AD WEEN-BUJD105AD Datasheet
298Kb / 13P
NPN power transistor with integrated diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com