Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUJD103AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUJD103AD
Description  NPN power transistor with integrated diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJD103AD Datasheet(HTML) 4 Page - NXP Semiconductors

  BUJD103AD Datasheet HTML 1Page - NXP Semiconductors BUJD103AD Datasheet HTML 2Page - NXP Semiconductors BUJD103AD Datasheet HTML 3Page - NXP Semiconductors BUJD103AD Datasheet HTML 4Page - NXP Semiconductors BUJD103AD Datasheet HTML 5Page - NXP Semiconductors BUJD103AD Datasheet HTML 6Page - NXP Semiconductors BUJD103AD Datasheet HTML 7Page - NXP Semiconductors BUJD103AD Datasheet HTML 8Page - NXP Semiconductors BUJD103AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BUJD103AD_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 October 2009
4 of 14
NXP Semiconductors
BUJD103AD
NPN power transistor with integrated diode
Fig 4.
Normalized total power dissipation as a function of mounting base temperature
Tmb (°C)
0
160
120
40
80
001aab993
40
80
120
Pder
(%)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com