Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUJD103AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUJD103AD
Description  NPN power transistor with integrated diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJD103AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUJD103AD Datasheet HTML 2Page - NXP Semiconductors BUJD103AD Datasheet HTML 3Page - NXP Semiconductors BUJD103AD Datasheet HTML 4Page - NXP Semiconductors BUJD103AD Datasheet HTML 5Page - NXP Semiconductors BUJD103AD Datasheet HTML 6Page - NXP Semiconductors BUJD103AD Datasheet HTML 7Page - NXP Semiconductors BUJD103AD Datasheet HTML 8Page - NXP Semiconductors BUJD103AD Datasheet HTML 9Page - NXP Semiconductors BUJD103AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BUJD103AD_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 October 2009
6 of 14
NXP Semiconductors
BUJD103AD
NPN power transistor with integrated diode
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ICES
collector-emitter cut-off
current
VBE =0V; VCE = 700 V; Tj = 25 °C
--1
mA
VBE =0V; VCE = 700 V; Tj =125 °C;
[1]
--2
mA
VBE =0V; VCE = 700 V; Tj =25°C;
[1]
--1
mA
VBE =0V; VCE = 700 V; Tj = 100 °C
--5
mA
ICBO
collector-base cut-off
current
VCB =700 V; IE =0A;
[1]
--1
mA
ICEO
collector-emitter cut-off
current
VCE =400 V; IB =0A;
[1]
--0.1
mA
IEBO
emitter-base cut-off
current
VEB =9V; IC = 0 A
--1
mA
VEB =7V; IC = 0 A
--10
mA
VCEOsus
collector-emitter
sustaining voltage
IB =0A; IC =10mA; LC =25mH;
see Figure 7 and 8
400
-
-
V
VCEsat
collector-emitter
saturation voltage
IC =1A; IB = 0.2 A; see Figure 9 and 10
-0.1
0.5
V
IC =2A; IB = 0.5 A; see Figure 9 and 10
-0.2
0.6
V
IC =3A; IB = 0.6 A; see Figure 9 and 10
-0.25
1
V
IC =4A; IB = 1 A; see Figure 9 and 10
-0.3
1
V
VBEsat
base-emitter saturation
voltage
IC =1A; IB = 0.2 A; see Figure 11
-
0.85
1.2
V
IC =2A; IB = 0.5 A; see Figure 11
-
0.92
1.6
V
IC =3A; IB = 0.6 A; see Figure 11
-
0.97
1.5
V
VF
forward voltage
IF = 2 A
-
1.04
1.5
V
hFE
DC current gain
IC =1mA; VCE =5V; Tmb =25°C;
see Figure 12
10
17
32
IC =500 mA; VCE =5V; Tj =25 °C;
see Figure 12
13
22
32
IC =1A; VCE =5V; Tmb =25°C;
see Figure 12
12
20
40
IC =2A; VCE =5V; Tmb =25°C;
see Figure 12
11
16
22
IC =3A; VCE =5V; Tmb =25°C;
see Figure 12
-
12.5
-
Dynamic characteristics
ton
turn-on time
IC =2.5 A; IBon = 0.5 A; IBoff =-0.5A;
RL =75 Ω; Tj 25 °C; resistive load;
see Figure 13 and 14
-
0.52
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com