Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUJD103AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUJD103AD
Description  NPN power transistor with integrated diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJD103AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUJD103AD Datasheet HTML 3Page - NXP Semiconductors BUJD103AD Datasheet HTML 4Page - NXP Semiconductors BUJD103AD Datasheet HTML 5Page - NXP Semiconductors BUJD103AD Datasheet HTML 6Page - NXP Semiconductors BUJD103AD Datasheet HTML 7Page - NXP Semiconductors BUJD103AD Datasheet HTML 8Page - NXP Semiconductors BUJD103AD Datasheet HTML 9Page - NXP Semiconductors BUJD103AD Datasheet HTML 10Page - NXP Semiconductors BUJD103AD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BUJD103AD_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 October 2009
7 of 14
NXP Semiconductors
BUJD103AD
NPN power transistor with integrated diode
[1]
Measured with half sine-wave voltage (curve tracer)
ts
storage time
IC =2.5 A; IBon = 0.5 A; IBoff =-0.5A;
RL =75 Ω; Tj = 25 °C; resistive load;
see Figure 13 and 14
-2.7
3.3
µs
IC =2A; IBon = 0.4 A; VBB =-5V; LB =1µH;
Tj = 25 °C; inductive load;
see Figure 15 and 16
-1.2
1.4
µs
IC =2A; IBon = 0.4 A; VBB =-5V; LB =1µH;
Tj = 100 °C; inductive load; see Figure 15
and 16
--1.8
µs
tf
fall time
IC =2.5 A; IBon = 0.5 A; IBoff =-0.5A;
RL =75 Ω; Tj = 25 °C; resistive load;
see Figure 17 and 14
-
0.3
0.35
µs
IC =2A; IBon = 0.4 A; VBB =-5V; LB =1µH;
Tj = 100 °C; inductive load; see Figure 15
and 16
-
-
120
ns
IC =2A; IBon = 0.4 A; VBB =-5V; LB =1µH;
Tj 25 °C; inductive load;
see Figure 18 and 16
-30
60
ns
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 7.
Test circuit for collector-emitter sustaining
voltage
Fig 8.
Oscilloscope display for collector-emitter
sustaining voltage test waveform
001aab987
horizontal
1
Ω
300
Ω
6 V
vertical
oscilloscope
50 V
100
Ω to 200 Ω
30 Hz to 60 Hz
001aab988
VCE (V)
min
VCEOsus
IC
(mA)
10
100
250
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com