Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUJD103AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUJD103AD
Description  NPN power transistor with integrated diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJD103AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUJD103AD Datasheet HTML 4Page - NXP Semiconductors BUJD103AD Datasheet HTML 5Page - NXP Semiconductors BUJD103AD Datasheet HTML 6Page - NXP Semiconductors BUJD103AD Datasheet HTML 7Page - NXP Semiconductors BUJD103AD Datasheet HTML 8Page - NXP Semiconductors BUJD103AD Datasheet HTML 9Page - NXP Semiconductors BUJD103AD Datasheet HTML 10Page - NXP Semiconductors BUJD103AD Datasheet HTML 11Page - NXP Semiconductors BUJD103AD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BUJD103AD_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 October 2009
8 of 14
NXP Semiconductors
BUJD103AD
NPN power transistor with integrated diode
Fig 9.
Collector-emitter saturation voltage as a
function of base current; typical values
Fig 10. Collector-emitter saturation voltage as a
function of collector current; typical values
Fig 11. Base-emitter saturation voltage as a function of
collector current; typical values
Fig 12. DC current gain as a function of collector
current; typical values
IB (A)
10−2
10
1
10−1
001aab995
0.8
1.2
0.4
1.6
2.0
VCEsat
(V)
0
IC = 1 A
2 A 3 A
4 A
001aab997
VCEsat
(V)
IC (A)
10−1
10
1
0.2
0.1
0.3
0.4
0.5
0
001aab996
VBEsat
(V)
IC (A)
10−1
10
1
0.6
0.8
0.2
0.4
1.0
1.2
1.4
0
001aab994
IC (A)
10−2
10
1
10−1
10
102
hFE
1
VCE = 5 V
1 V
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com