Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1111C Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1111C
Description  Single Color Ultra High Brightness Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1111C Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button 1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
2009.10.30
Page 6
Luminous Intensity Rank(Unit:mcd)
(Ta=25℃)
Single Color Ultra High Brightness Type
1111C Series
M IN.
MAX.
MIN.
MAX.
MIN.
M AX.
MIN.
M AX.
M IN.
M AX.
A
80
112
50
100
50
100
B
96
136
70
140
70
140
C
112
160
96
136
100
200
100
200
D
17
24
136
192
112
160
140
280
140
280
E
20
28
160
224
136
192
200
400
200
400
F
24
34
192
320
160
224
280
-
280
-
G
28
40
224
-
192
272
H
34
48
224
320
J
40
56
272
-
K
48
-
UR
UB
UC
IV(mcd)
Rank
UG
UY
IF=20mA
IF=10mA
IF=10mA
IF=10mA
IF=20mA
※ Please contact our sales staff concerning rank designation.
MIN.
MAX.
MIN.
MAX.
BA
10
15
BB
15
22
BC
22
33
BD
33
47
33
47
BE
47
-
47
68
BF
68
100
CA
100
150
CB
150
220
Rank
SB
SG
IV( mcd)
IF=5mA
IF=5mA
Tolerance : +/-10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com