Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1111C Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1111C
Description  Single Color Ultra High Brightness Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1111C Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button 1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
2009.10.30
Page 11
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
1
10
100
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
25
℃
60
℃
0
℃
85
℃
-20
℃
-40
℃
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃ I
F = 5mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = -40∼85℃
Forward Voltage V
F(V)
Technical Data (SG)
Single Color Ultra High Brightness Type
1111C Series
0
0.2
0.4
0.6
0.8
1
1.2
420
440
460
480
500
520
540
560
580
600
620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com