Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1111C Datasheet(PDF) 26 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1111C
Description  Single Color Ultra High Brightness Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1111C Datasheet(HTML) 26 Page - STANLEY ELECTRIC CO.,LTD.

Back Button 1111C Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 21Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 22Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 23Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 24Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 25Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 26Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 27Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
2009.10.30
Page 26
Single Color Ultra High Brightness Type
1111C Series
Reliability Testing Result
Failure Criteria
Reliability Testing
Result
Applicable Standard
Testing Conditions
Duration
Failure
Room Temp.
Operating Life
EIAJED-
4701/ 100(101)
Ta = 25℃, IF = Maxium Rated Current
1,000 h
0/ 25
Resistance to
Soldering Heat
EIAJED-
4701/ 300(301)
Pre-heating : 150∼180℃ 120s Max.
Operation Heating : 230℃ 40s Max.
Peak Temperature : 260℃
Twice
0/ 25
Temperature Cycling
EIAJED-
4701/ 100(105)
Minimum Rated Storage Temperature(30min)
∼Normal Temperature(15min)
∼Maximum Rated Storage Temperature(30min)
∼Normal Temperature(15min)
5 cycles
0/ 25
Wet High Temp.
Storage Life
EIAJED-
4701/ 100(103)
Ta = 60±2℃, RH = 90±5%
1,000 h
0/ 25
High Temp.
Storage Life
EIAJED-
4701/ 200(201)
Ta = Maximum Rated Storage Temperature
1,000 h
0/ 25
Low Temp.
Storage Life
EIAJED-
4701/ 200(202)
Ta = Minimum Rated Storage Temperature
1,000 h
0/ 25
Vibration,
Variable Frequency
EIAJED-
4701/ 400(403)
98.1m/ s
2
(10G), 100 ∼ 2KHz sweep for 20min.,
XYZ each direction
2 h
0/ 10
Items
Symbols
Conditions
Failure criteria
Luminous Intensity
Iv
IFValue of each product
Luminous Intensity
Testing Min. Value < Spec. M in. Value x 0.5
Forward Voltage
VF
IFValue of each product
Forward Voltage
Testing Max. Value ≧ Spec. M ax. Value x 1.2
Reverse Current
IR
VR = Maximum Rated
Reverse Voltage V
Testing Max. Value ≧ Spec. M ax. Value x 2.5
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com