Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1111C Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1111C
Description  Single Color Ultra High Brightness Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1111C Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button 1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
2009.10.30
Page 10
Duty Cycle vs. Maximum Forward Current
Duty(%)
Single Color Ultra High Brightness Type
1111C Series
Technical Data (SB)
465
470
475
0
5
10
15
20
条件/
1
10
100
1
10
100
Forward Current vs. Dominant Wavelength
Condition : Ta = 25℃
Forward Current : I
F(mA)
Condition : Ta = 25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com