Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1111C Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1111C
Description  Single Color Ultra High Brightness Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1111C Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  1111C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
2009.10.30
Page 1
Features
Recommended Applications
Communication Machine, Electric Household Appliances, OA/FA, Other General Applications
Outer Dimension
1.6 x 0.8 x 0.7mm ( L x W x H )
Temperature range
Storage Temperature
Operating Temperature
Lead–free soldering compatible
RoHS compliant
Package
Product features
Die materials
: -40℃∼100℃
: -40℃∼85℃
1608 (h=0.7mm) Type, Milky White resin
1111C Series
Single Color Ultra High Brightness Type
Dominant wavelength
Rank grouping parameter
Assembly method
Soldering methods
Taping and reel
ESD
Sorted by luminous intensity and wavelength per rank taping
Auto pick & place machine (Auto Mounter)
4,000pcs per reel in a 8mm width tape. (Standard)
Reel diameter:φ180mm
Reflow soldering
Half Intensity Angle
Blue
: 470nm(SB,UB)
Blue Green
: 508nm(UC)
Green
: 530nm(SG,UG)
Yellow
: 590nm(UY)
Red
: 630nm(UR)
SB, SG
:θx = 150 deg., θy =150 deg.
UB, UC, UG
:θx = 150 deg., θy =165 deg.
UY, UR
:θx = 150 deg., θy =140 deg.
SB,SG,UB,UC,UG : InGaN
UY,UR : AlGalnP
InGaN : Up to 1kV(HBM),
AlGaInP : Up to 2kV (HBM)


Similar Part No. - 1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1111C STANLEY-1111C_10 Datasheet
432Kb / 24P
Single Color Low Current Type
More results

Similar Description - 1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
Single Color Ultra High Brightness ?5 Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
Single Color Ultra High Brightness Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
Single Color Ultra High Brightness ?5 Type
1105W STANLEY-1105W Datasheet
606Kb / 16P
Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
Single Color Ultra High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com