Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1111C Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1111C
Description  Single Color Ultra High Brightness Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1111C Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  1111C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2009.10.30
Page 2
Color and Luminous Intensity
TYP.
I
F(m A)
M IN.
TYP.
I
F(m A)
SB1111C-0005
InGaN
Blue
470
5
10
20
5
UB1111C
InGaN
Blue
470
10
17
34
10
UC1111C
InGaN
Blue
Green
508
10
80
160
10
SG1111C-0005
InGaN
Green
530
5
33
90
5
UG1111C
InGaN
Green
530
10
96
160
10
UY1111C
AlGaInP
Yellow
590
20
50
100
20
UR1111C
AlGaInP
Red
630
20
50
100
20
Part No.
Material
Emitted
Color
Milky
White
Iv (mcd)
Lens
Color
Luminous Intensity
Dominant
Wavelength
λd (nm)
Single Color Ultra High Brightness Type
1111C Series
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com