Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P2602SC2 Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC73P2602SC2
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SC2 Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC73P2602SC2 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 8 of 28
FUNCTION DESCRIPTION
1.
Word width
Word width for SC73P2602 is 9-bit, that is 2K word is 2K×9-bit.
2.
Instruction period
Instruction and internal operation are both based on main clock. The instruction period is the time of executing a
whole instruction. There are single-/double-period instructions available for SC73P2602.
An instruction period consists of 5 beat which is a system clock period (1/FMAIN). Hence, an instruction period is
5/ FMAIN.
3.
PC
PC for SC73P2602 is 11-bit and the maximum addressable memory is 2K.
PC value is the address of next instruction to be executed and it is 0 after reset. In general, PC is added by 1
after executing an instruction because instructions for SC73P2602 is single-byte instruction. Fixed value is
evaluated to PC when executing jump, subprogram call and subprogram return.
4.
MBR
Memory buffer register (MBR) is the write-only, higher 5-bit of the program pointer. The ROM of SC73P1602 can
be divided into 15 blocks and each block has 128 bytes. These blocks can be addressed by the MBR. For
program jump, the BLOCK value containing the target address should be loaded to MBR before executing BSS
addr7 instruction.
5.
STACK
11-bit stack register is used for storing PC when calling subprogram. 3-level subprogram can be called for there is
only 3-level hardware stack registers in SC73P2602.
6.
B, H, D
4-bit data look-up pointer registers. Lower 3-bit of register B and all bits (4-bit) of H, D are used as pointers
pointing to data table when accessing constant data in OTP whose space of 2K can be used for data table or
program memory, otherwise, register B, H, D act as general purpose register as others. Constant data stored in
the table can be accessed through table look-up instruction.
7.
ALU
The arithmetic and logic unit plays a leading role in performing various operations of 4-bit binaries. The operation
of ALU will change the carry flag (CF) and the zero flag (ZF).
8.
ACC
4-bit accumulator, it is mostly used to store data and results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com