Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P2602SC2 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC73P2602SC2
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SC2 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC73P2602SC2 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9.
CF
Carry flag.
10. SF
Status flag. jump instruction is only effective only when SF=1. SF is 1 after reset.
11. CH0, CH1, CL0, CL1
CH0, CH1, CL0 and CL1 are carrier level control registers for controlling the high and low level to (CH+1)/Fosc
and(CL+1)/Fosc. Where, Fosc is oscillator frequency, CH0 and CH1 are higher 4-bit and lower 4-bit of CH
respectively, while CL0 and CL1 are higher 4-bit and lower 4-bit of CL.
12. LL, LH
4-bit LL register, lower 4-bit of RAM addressing pointer, can be used as general register as well.
4-bit LH register, LH[0] is the MSB of RAM addressing pointer.
Note: LH[3] is LVD flag and it is “0” when VDD< VLVD, otherwise it is “1”. Typical application: this bit is used for
judging whether the circuit is working in low-voltage area to avoid incomplete code transmission. Typical
value for is VLVD 1.7V.
13. PR (PR, PR2)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
The port mode register, which specifies the input mode or output mode of the I/O port, is 4-bit write-only. When
PR=1, the corresponding port is set to output mode. PR=0, it is set to input mode. The execution of the HOLD
instruction won’t affect the I/O modes of operation. When reset, PR=0. The port is in input mode.
Page 9 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com