Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P2602SC2 Datasheet(PDF) 14 Page - Silan Microelectronics Joint-stock

Part # SC73P2602SC2
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SC2 Datasheet(HTML) 14 Page - Silan Microelectronics Joint-stock

Back Button SC73P2602SC2 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 18Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 14 of 28
Flag
Instruction
Operation
CF
SF
cycle
LD PR2, A
PR2
← A
-
1
2
LD TM, A
TM
← A
-
1
2
LD A,TM
A
←TM
-
1
2
01.
LD A, LL
Load values in the LL register to the accumulator.
02.
LD A, B
Load values in the BR register to the accumulator.
03.
LD A, H
Load values in the HR register to the accumulator.
04.
LD A, D
Load values in the DC register to the accumulator.
05.
LD A, @LL
Load the contents of RAM pointed at by the LL register to accumulator.
06.
LD A, #k
Load the 4 bit immediate K to accumulator.
07.
LD CL1, A
Load the content of the accumulator to the CL1 register.
08.
LD CL0, A
Load the content of the accumulator to the CL0 register.
09.
LD CH1, A
Load the content of the accumulator to the CH1 register.
10.
LD CH0, A
Load the content of the accumulator to the CH0 register.
11.
LDH A, @BD
Load the higher 4 bit of ROM data pointed at by the BHD to accumulator.
12.
LDL A, @BD
Load the lower 4 bit of ROM data pointed at by the BHD to accumulator.
13.
LDS A, @BD
Load the MSB of ROM data pointed at by the BHD to accumulator
14.
LDH @LL, @BD
Load the higher 4 bit of ROM data pointed at by the BHD to RAM pointed at
by the LL register.
15
LDL @LL, @BD
Load the lower 4 bit of ROM data pointed at by the BHD to RAM pointed at
by the LL register.
16.
LDS @LL, @BD
Load the MSB of ROM data pointed at by the BHD to RAM pointed at by the
LL register.
17.
LD LL, A
Load the contents of the accumulator to the LL register.
18.
LD LH, A
Load the contents of the accumulator to the LH register.
19.
LD LL, #k
Load immediate K to the LL register.
20.
LD @LL, A
Load the content of the accumulator to the RAM pointed at by the LL
register.
21.
LD @LL, #k
Load the immediate K to RAM pointed at by the LL register.
22.
LD D, A
Load the content of the accumulator to the DC register.
23.
LD H, A
Load the content of the accumulator to the HR register.
24.
LD B, A
Load the content of the accumulator to the BR register.
25.
LD PR, A
Load the content of the accumulator to the port register(PR).
26.
LD PR2, A
Load the content of the accumulator to the port register(PR2).
27.
LD TM, A
Load the content of the accumulator to the timer register.
28.
LD A,TM
Load the content of the timer register to the accumulator.
Note: executing transmit instructions above will not change CF and SF remains 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com