Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P2602SC2 Datasheet(PDF) 25 Page - Silan Microelectronics Joint-stock

Part # SC73P2602SC2
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SC2 Datasheet(HTML) 25 Page - Silan Microelectronics Joint-stock

Back Button SC73P2602SC2 Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 21Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 22Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 23Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 24Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 25Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 26Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 27Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 28Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
PACKAGE OUTLINE
SSOP-20-225-0.65
Unit: mm
6.50±0.20
0.25
0.65
0.127
110
11
20
0°~8°
-
0.04
+
0.08
SSOP-20-300-0.65
Unit: mm
0.65
0.30
7.20±0.20
1.50±0.20
0.15
0~8°
1.85MAX
+
0.10
-
0.06
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 25 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com