Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P2602SC2 Datasheet(PDF) 12 Page - Silan Microelectronics Joint-stock

Part # SC73P2602SC2
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SC2 Datasheet(HTML) 12 Page - Silan Microelectronics Joint-stock

Back Button SC73P2602SC2 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 16Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
20. Low voltage detect (LVD)
Note:
1.
When VDD<VLVR, RESET signal is generated (high level reset).
2.
When VDD changes form lower than VLVR to higher than it, Program is normally run after a delay of
216 main clock with frequency of FMAIN (counter by timer) to guarantee reliability.
3.
When VDD>VOSC, oscillation start up.
4.
When VDD>VLVD, LH[3] = “1”; when VDD<VLVD, LH[3] = “0”.
5.
VLVD = 1.7V (Typ.); VLVR = 1.55V(Typ.); VOSC = 1.35V(Typ.).
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 12 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com