Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P2602SC2 Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC73P2602SC2
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SC2 Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC73P2602SC2 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 17Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 13 of 28
INSTRUCTION SET
Symbol
addr7
lower 7-bit of address
b
Bit address (0~3)
C
carry flag
vect
Subprogram entry address vector
Z
Zero flag: when ACC=0, Z=” 1”; ACC≠0, Z=”0”
#k
immediate data(0~15)
%p
port address
←
evaluate the right value to left
PUSH
Push
POP
pop
TIMER
17-bit timer
1.
Transmit instruction
Flag
Instruction
Operation
CF
SF
cycle
LD A, LL
A
← LL
-
1
2
LD A, B
A
← B
-
1
2
LD A, H
A
← H
-
1
2
LD A, D
A
← D
-
1
2
LD A, @LL
A
← RAM(LL)
-
1
1
LD A, #k
A
← k
-
1
1
LD CL1, A
CL1
← A
-
1
2
LD CL0, A
CL0
← A
-
1
2
LD CH1, A
CH1
← A
-
1
2
LD CH0, A
CH0
← A
-
1
2
LDH A, @BD
A
← ROM(BD)7-4
-
1
2
LDL A, @BD
A
← ROM(BD)3-0
-
1
2
LDS A, @BD
A
← ROM(BD)8
-
1
2
LDH @LL, @BD
RAM(LL)
← ROM(BD)7-4
-
1
2
LDL @LL, @BD
RAM(LL)
← ROM(BD)3-0
-
1
2
LDS @LL, @BD
RAM(LL)
← ROM(BD)8
-
1
2
LD LL, A
LL
← A
-
1
2
LD LL, #k
LL
← k
-
1
1
LD @LL, A
RAM(LL)
← A
-
1
1
LD @LL, #k
RAM(LL)
← k
-
1
1
LD D, A
D
← A
-
1
2
LD H, A
H
← A
-
1
2
LD B, A
B
← A
-
1
2
LD PR, A
PR
← A
-
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com