Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1499CS
Description  Driving A-to-D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 5Page - Linear Technology LT1499CS Datasheet HTML 6Page - Linear Technology LT1499CS Datasheet HTML 7Page - Linear Technology LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology LT1499CS Datasheet HTML 10Page - Linear Technology LT1499CS Datasheet HTML 11Page - Linear Technology LT1499CS Datasheet HTML 12Page - Linear Technology LT1499CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1498/LT1499
14989fe
9
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 3: This parameter is not 100% tested.
Note 4: The LT1498C/LT1499C are guaranteed to meet specified
performance from 0°C to 70°C. The LT1498C/LT1499C are designed,
characterized and expected to meet specified performance from –40°C
to 85°C but are not tested or QA sampled at these temperatures. The
LT1498I/LT1499I are guaranteed to meet specified performance from
–40°C to 85°C. The LT1498MP is guaranteed to meet specified
performance from –55°C to 125°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+ – 0.5V
VCM = V– + 0.5V
l
l
350
350
1300
1300
μV
μV
VOS TC
Input Offset Voltage Drift (Note 3)
VCM = V+ – 0.5V
l
l
1.0
2.0
μV/°C
μV/°C
ΔVOS
Input Offset Voltage Shift
VCM = V– + 0.5V to V+ – 0.5V
l
250
1500
μV
Input Offset Voltage Match (Channel-to-Channel) VCM = V– + 0.5V, V+ – 0.5V (Note 5)
l
400
2200
μV
IB
Input Bias Current
VCM = V+ – 0.5V
VCM = V– + 0.5V
l
l
0
–1200
500
–500
1200
0
nA
nA
ΔIB
Input Bias Current Shift
VCM = V– + 0.5V to V+ – 0.5V
l
1000
2400
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ – 0.5V (Note 5)
VCM = V– + 0.5V (Note 5)
l
l
0
–400
40
–40
400
0
nA
nA
IOS
Input Offset Current
VCM = V+ – 0.5V
VCM = V– + 0.5V
l
l
40
40
300
300
nA
nA
ΔIOS
Input Offset Current Shift
VCM = V– + 0.5V to V+ – 0.5V
l
80
600
nA
AVOL
Large-Signal Voltage Gain
VO = –14.5V to 14.5V, RL = 10k
l
40
400
V/mV
Channel Separation
VO = –10V to 10V, RL = 2k
l
110
120
dB
CMRR
Common Mode Rejection Ratio
VCM = V– + 0.5V to V+ – 0.5V
l
86
100
dB
CMRR Match (Channel-to-Channel) (Note 5)
VCM = V– + 0.5V to V+ – 0.5V
l
80
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
l
88
100
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = ±5V to ±15V
l
80
100
dB
VOL
Output Voltage Swing (Low) (Note 6)
No Load
ISINK = 0.5mA
ISINK = 10mA
l
l
l
25
50
275
75
100
520
mV
mV
mV
VOH
Output Voltage Swing (High) (Note 6)
No Load
ISOURCE = 0.5mA
ISOURCE = 10mA
l
l
l
3.5
65
500
20
120
1400
mV
mV
mV
ISC
Short-Circuit Current
l
±7.5
±12
mA
IS
Supply Current per Amplifier
l
2.5
3.2
mA
GBW
Gain-Bandwidth Product (Note 7)
l
5.8
8.5
MHz
SR
Slew Rate
AV = –1, RL = Open, VO = ±10V
Measure at VO = ±5V
l
2.2
4.75
V/μs
The
l denotes the specifications which apply over the temperature range
–55°C < TA < 125°C. VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 4)
Note 5: Matching parameters are the difference between amplifiers A and
D and between B and C on the LT1499; between the two amplifiers on the
LT1498.
Note 6: Output voltage swings are measured between the output and
power supply rails.
Note 7: VS = 3V, VS = ±15V GBW limit guaranteed by correlation to
5V tests.
Note 8: VS = 3V, VS = 5V slew rate limit guaranteed by correlation to
±15V tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com