Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1499CS
Description  Driving A-to-D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology LT1499CS Datasheet HTML 10Page - Linear Technology LT1499CS Datasheet HTML 11Page - Linear Technology LT1499CS Datasheet HTML 12Page - Linear Technology LT1499CS Datasheet HTML 13Page - Linear Technology LT1499CS Datasheet HTML 14Page - Linear Technology LT1499CS Datasheet HTML 15Page - Linear Technology LT1499CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT1498/LT1499
14989fe
12
TYPICAL PERFORMANCE CHARACTERISTICS
Open-Loop Gain
Open-Loop Gain
Warm-Up Drift vs Time
Total Harmonic Distortion + Noise
vs Peak-to-Peak Voltage
Total Harmonic Distortion + Noise
vs Frequency
Capacitive Load Handling
Slew Rate vs Supply Voltage
Output Step
vs Settling Time to 0.01%
CAPACITIVE LOAD (pF)
20
50
70
40
10
1000
10000
100000
14989 G19
0
100
60
30
10
VS = 5V, 0V
AV = 1
RL = 1k
TOTAL SUPPLY VOLTAGE (V)
0
3
4
6
7
8
8
16
20
36
14989 G20
5
412
24
28
32
9
VOUT = 80% OF VS
AV = –1
RISING EDGE
FALLING EDGE
SETTLING TIME (μs)
1.5
–10
–8
–4
–2
0
10
4
2.0
2.5
14989 G21
–6
6
8
2
3.0
3.5
VS = 15V
NONINVERTING
INVERTING
INVERTING
NONINVERTING
OUTPUT VOLTAGE (V)
–20 –15
0
10
20
14989 G22
–10
–20
–10
–5
05
10
15
20
–5
5
–15
15
VS = 15V
RL = 2k
RL = 10k
OUTPUT VOLTAGE (V)
0
–1
0
1
3
5
14989 G23
–2
–3
–4
12
4
2
3
4
6
VS = 5V, 0V
RL = 2k
RL = 10k
TIME AFTER POWER-UP (SEC)
0
–10
0
10
60
100
160
14989 G24
–20
–30
–40
20
40
80
120 140
S8 PACKAGE, VS = 2.5V
S8 PACKAGE, VS = 15V
N8 PACKAGE, VS = 15V
LT1499CS, VS = 15V
N8 PACKAGE, VS = 2.5V
LT1499CS, VS = 2.5V
INPUT VOLTAGE (VP-P)
0.001
0.01
0.1
1
02
3
4
0.0001
1
5
14989 G25
f = 1kHz
RL = 10k
AV = –1
VS = 1.5V
AV = 1
VS = 1.5V
AV = 1
VS = 2.5V
AV = –1
VS = 2.5V
FREQUENCY (kHz)
0.01
0.01
0.1
1
0.1
1
10
100
14989 G26
0.001
VS = 1.5V
VIN = 2VP-P
RL = 10k
AV = 1
AV = –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com