Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1499CS
Description  Driving A-to-D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 7Page - Linear Technology LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology LT1499CS Datasheet HTML 10Page - Linear Technology LT1499CS Datasheet HTML 11Page - Linear Technology LT1499CS Datasheet HTML 12Page - Linear Technology LT1499CS Datasheet HTML 13Page - Linear Technology LT1499CS Datasheet HTML 14Page - Linear Technology LT1499CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1498/LT1499
14989fe
11
TYPICAL PERFORMANCE CHARACTERISTICS
Noise Current Spectrum
Gain and Phase vs Frequency
CMRR vs Frequency
PSRR vs Frequency
Gain Bandwidth and Phase
Margin vs Supply Voltage
Channel Separation vs Frequency
Minimum Supply Voltage
0.1Hz to 10Hz
Output Voltage Noise
Noise Voltage Spectrum
TOTAL SUPPLY VOLTAGE (V)
1
0
50
100
150
200
23
4
5
14989 G10
250
300
TA = 85°C
TA = 25°C
TA = 70°C
NONFUNCTIONAL
TA = –55°C
TIME (1s/DIV)
010
14989 G11
VS = 2.5V
VCM = 0V
FREQUENCY (Hz)
1
80
100
120
140
160
10
100
1000
14989 G12
60
40
20
0
180
200
VS = 5V, 0V
VCM = 2.5V
PNP ACTIVE
VCM = 4V
NPN ACTIVE
FREQUENCY (Hz)
1
4
5
6
7
8
10
100
1000
14989 G13
3
2
1
0
9
10
VS = 5V, 0V
VCM = 2.5V
PNP ACTIVE
VCM = 4V
NPN ACTIVE
FREQUENCY (MHz)
–10
10
30
20
50
70
–20
0
40
60
0.01
1
10
100
14989 G14
–30
–108
–36
36
0
108
180
–144
–72
72
144
–180
0.1
PHASE
GAIN
RL = 10k
VS = 1.5V
VS = 15V
FREQUENCY (kHz)
40
60
80
70
100
120
30
50
90
110
1
100
1000
10000
14989 G15
20
10
VS = 15V
VS = 2.5V
FREQUENCY (kHz)
10
30
50
40
70
90
0
20
60
80
1
100
1000
10000
14989 G16
–10
10
VS = 2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
TOTAL SUPPLY VOLTAGE (V)
0
0
4
6
8
10
12
14
5
10
15
20
14989 G17
25
16
18
20
2
0
20
30
40
50
60
70
80
90
100
10
30
PHASE MARGIN
GAIN BANDWIDTH
FREQUENCY (kHz)
0.01
–110
–100
–90
–80
–70
0.1
1
10
100
1000
14989 G18
–120
–130
–140
–150
–60
–50
VS = 15V
VOUT = 1VP-P
RL = 2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com