Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 20 Page - Linear Technology

Part # LT1499CS
Description  Driving A-to-D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 12Page - Linear Technology LT1499CS Datasheet HTML 13Page - Linear Technology LT1499CS Datasheet HTML 14Page - Linear Technology LT1499CS Datasheet HTML 15Page - Linear Technology LT1499CS Datasheet HTML 16Page - Linear Technology LT1499CS Datasheet HTML 17Page - Linear Technology LT1499CS Datasheet HTML 18Page - Linear Technology LT1499CS Datasheet HTML 19Page - Linear Technology LT1499CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT1498/LT1499
14989fe
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 1009 REV E • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Bidirectional Current Sensor
A bidirectional current sensor for battery-powered sys-
tems is shown in Figure 3. Two outputs are provided: one
proportional to charge current, the other proportional
to discharge current. The circuit takes advantage of the
LT1498’s rail-to-rail input range and its output phase
reversal protection. During the charge cycle, the op amp
A1 forces a voltage equal to (IL)(RSENSE) across RA. This
voltage is then amplified at the Charge Out by the ratio of
RB over RA. In this mode, the output of A2 remains high,
keeping Q2 off and the Discharge Out low, even though
the (+) input of A2 exceeds the positive power supply.
During the discharge cycle, A2 and Q2 are active and the
operation is similar to the charge cycle.
Figure 3. Bidirectional Current Sensor
–
+
–
+
A1
1/2 LT1498
A2
1/2 LT1498
Q2
MTP23P06
VO = IL
= 1V/A
FOR RA = 1k, RB = 10k
RSENSE
DISCHARGE
OUT
CHARGE
OUT
Q1
MTP23P06
RA
RB
RB
RA
RA
RA
VBATTERY
VBATTERY
14989 F03
DISCHARGE
IL
CHARGE
RA
RSENSE
0.1Ω
RB
()
VO
IL
PART NUMBER
DESCRIPTION
COMMENTS
LTC®1152
Rail-to-Rail Input and Output, Zero-Drift Op Amp
High DC Accuracy, 10μV VOS(MAX), 100nV/°C Drift, 1MHz GBW, 1V/μs
Slew Rate, Max Supply Current 2.2mA
LT1211/LT1212
Dual/Quad 14MHz, 7V/μs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275μV VOS(MAX), 6μV/°C Max
Drift, Max Supply Current 1.8mA per Op Amp
LT1213/LT1214
Dual/Quad 28MHz, 12V/μs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275μV VOS(MAX), 6μV/°C Max
Drift, Max Supply Current 3.5mA per Op Amp
LT1215/LT1216
Dual/Quad 23MHz, 50V/μs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 450μV VOS(MAX), Max Supply
Current 6.6mA per Op Amp
LT1366/LT1367
Dual/Quad Precision, Rail-to-Rail Input and Output Op Amps
475μV VOS(MAX), 400kHz GBW, 0.13V/μs Slew Rate, Max Supply
Current 520μA per Op Amp
LT1490/LT1491
Dual/Quad Micropower, Rail-to-Rail Input and Output Op Amps
Max Supply Current 50μA per Op Amp, 200kHz GBW, 0.07V/μs Slew
Rate, Operates with Inputs 44V Above V– Independent of V+
LT1884/LT1885
Dual/Quad, Rail-to-Rail Output Picoamp Input Precision Op Amps ICC = 650μA, VOS < 50μV, IB < 400pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com