Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1499CS
Description  Driving A-to-D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 1 Page - Linear Technology

  LT1499CS Datasheet HTML 1Page - Linear Technology LT1499CS Datasheet HTML 2Page - Linear Technology LT1499CS Datasheet HTML 3Page - Linear Technology LT1499CS Datasheet HTML 4Page - Linear Technology LT1499CS Datasheet HTML 5Page - Linear Technology LT1499CS Datasheet HTML 6Page - Linear Technology LT1499CS Datasheet HTML 7Page - Linear Technology LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1498/LT1499
14989fe
1
TYPICAL APPLICATION
DESCRIPTION
10MHz, 6V/µs, Dual/Quad
Rail-to-Rail Input and Output
Precision C-Load Op Amps
The LT®1498/LT1499 are dual/quad, rail-to-rail input and
output precision C-Load™ op amps with a 10MHz gain-
bandwidth product and a 6V/μs slew rate.
The LT1498/LT1499 are designed to maximize input
dynamic range by delivering precision performance over
the full supply voltage. Using a patented technique, both
input stages of the LT1498/LT1499 are trimmed, one at
the negative supply and the other at the positive supply.
The resulting guaranteed common mode rejection is much
better than other rail-to-rail input op amps. When used as
a unity-gain buffer in front of single supply 12-bit A-to-D
converters, the LT1498/LT1499 are guaranteed to add less
than 1LSB of error even in single 3V supply systems.
With 110dB of supply rejection, the LT1498/LT1499 main-
tain their performance over a supply range of 2.2V to 36V
and are specified for 3V, 5V and ±15V supplies. The inputs
can be driven beyond the supplies without damage or phase
reversal of the output. These op amps remain stable while
driving capacitive loads up to 10,000pF.
The LT1498 is available with the standard dual op amp
configuration in 8-pin PDIP and SO packaging. The LT1499
features the standard quad op amp configuration and is
available in a 14-pin plastic SO package. These devices
can be used as plug-in replacements for many standard
op amps to improve input/output range and precision.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and C-Load
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
FEATURES
APPLICATIONS
n Rail-to-Rail Input and Output
n 475μV Max VOS from V+ to V–
n Gain-Bandwidth Product: 10MHz
n Slew Rate: 6V/μs
n Low Supply Current per Amplifier: 1.7mA
n Input Offset Current: 65nA Max
n Input Bias Current: 650nA Max
n Open-Loop Gain: 1000V/mV Min
n Low Input Noise Voltage: 12nV/√Hz Typ
n Wide Supply Range: 2.2V to ±15V
n Large Output Drive Current: 30mA
n Stable for Capacitive Loads Up to 10,000pF
n Dual in 8-Pin PDIP and SO Package
n Quad in Narrow 14-Pin SO
n Driving A-to-D Converters
n Active Filters
n Rail-to-Rail Buffer Amplifiers
n Low Voltage Signal Processing
n Battery-Powered Systems
Frequency Response
Single Supply 100kHz 4th Order Butterworth Filter
1/2 LT1498
6.81k
VIN
V+/2
V+
VOUT
1498 TA01
330pF
11.3k
6.81k
1/2 LT1498
5.23k
47pF
1000pF
10.2k
5.23k
100pF
FREQUENCY (Hz)
100
–50
–30
–10
10
1M
1498 TA02
–70
–90
–60
–40
–20
0
–80
–100
–110
1k
10k
100k
10M
VIN = 2.7VP-P
V+ = 3V


Similar Part No. - LT1499CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1499CS LINER-LT1499CS Datasheet
377Kb / 16P
10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
More results

Similar Description - LT1499CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
DOUBLE-BUFFERED D TO A CONVERTERS
logo
DATEL, Inc.
ADS-112MM DATEL-ADS-112MM Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118AME DATEL-ADS-118AME Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118AMM DATEL-ADS-118AMM Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118-C883 DATEL-ADS-118-C883 Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119G-C883 DATEL-ADS-119G-C883 Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-119GC-C DATEL-ADS-119GC-C Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119GE DATEL-ADS-119GE Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119MC-C DATEL-ADS-119MC-C Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-119ME-C DATEL-ADS-119ME-C Datasheet
106Kb / 1P
Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com