Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 15 Page - Linear Technology

Part # LT1499CS
Description  Driving A-to-D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 11Page - Linear Technology LT1499CS Datasheet HTML 12Page - Linear Technology LT1499CS Datasheet HTML 13Page - Linear Technology LT1499CS Datasheet HTML 14Page - Linear Technology LT1499CS Datasheet HTML 15Page - Linear Technology LT1499CS Datasheet HTML 16Page - Linear Technology LT1499CS Datasheet HTML 17Page - Linear Technology LT1499CS Datasheet HTML 18Page - Linear Technology LT1499CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT1498/LT1499
14989fe
15
APPLICATIONS INFORMATION
without oscillation at unity gain. When driving a heavy
capacitive load, the bandwidth is reduced to maintain
stability. Figures 2a and 2b illustrate the stability of the
device for small-signal and large-signal conditions with
capacitive loads. Both the small-signal and large-signal
transient response with a 10nF capacitive load are well
behaved.
Feedback Components
To minimize the loading effect of feedback, it is possible
to use the high value feedback resistors to set the gain.
However, care must be taken to insure that the pole formed
by the feedback resistors and the total input capacitance
at the inverting input does not degrade the stability of the
amplifier. For instance, the LT1498/LT1499 in a noninvert-
ing gain of 2, set with two 30k resistors, will probably
oscillate with 10pF total input capacitance (5pF input
capacitance + 5pF board capacitance). The amplifier has
a 2.5MHz crossing frequency and a 60° phase margin at
6dB of gain. The feedback resistors and the total input
capacitance create a pole at 1.06MHz that induces 67° of
phase shift at 2.5MHz! The solution is simple, either lower
the value of the resistors or add a feedback capacitor of
10pF of more.
1A Voltage Controlled Current Source
1A Voltage Controlled Current Sink
Figure 2b. LT1498 Large-Signal Response
Figure 2a. LT1498 Small-Signal Response
CL = 10nF
CL = 500pF
CL = 0pF
14989 F02a
VS = 5V
AV = 1
CL = 10nF
CL = 500pF
CL = 0pF
14989 F02b
VS = 5V
AV = 1
TYPICAL APPLICATIONS
–
+
1/2 LT1498
1k
500pF
tr < 1μs
14989 TA03
Si9430DY
VIN
V+
RL
100Ω
0.5Ω
1k
IOUT =
IOUT
V+ – VIN
0.5Ω
1k
VIN
–
+
1/2 LT1498
500pF
14989 TA04
Si9410DY
V+
V+
RL
IOUT
100Ω
0.5Ω
1k
IOUT =
VIN
0.5Ω
tr < 1μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com