Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 22 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 18Page - SMSC Corporation EMC2113 Datasheet HTML 19Page - SMSC Corporation EMC2113 Datasheet HTML 20Page - SMSC Corporation EMC2113 Datasheet HTML 21Page - SMSC Corporation EMC2113 Datasheet HTML 22Page - SMSC Corporation EMC2113 Datasheet HTML 23Page - SMSC Corporation EMC2113 Datasheet HTML 24Page - SMSC Corporation EMC2113 Datasheet HTML 25Page - SMSC Corporation EMC2113 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
Revision 1.2 (10-08-09)
22
SMSC EMC2113
DATASHEET
Chapter 6 Product Description
The EMC2113 is an SMBus compliant fan controller with up to three (3) external and one (1) internal
temperature channels. The fan driver can be operated using two methods, each with two modes. The
methods include an RPM-based Fan Speed Control Algorithm and a direct PWM drive setting. The
modes include manually programming the desired settings or using the internal programmable
temperature look-up table to select the desired setting based on measured temperature.
The temperature monitors offer 1°C accuracy (for external diodes) with sophisticated features to
reduce errors introduced by series resistance and beta variation of substrate thermal diode transistors
commonly found in processors (including support of the BJT or transistor model for a CPU diode).
The EMC2113 allows the user to program temperatures generated from external sources to control the
fan speed. This functionality also supports DTS data from the CPU. By pushing DTS or standard
temperature values into dedicated registers, the external temperature readings can be used in
conjunction with the external diode(s) and internal diode to control the fan speed.
The EMC2113 also allows the user to input a PWM input signal on the PWM_IN pin that is used as
an input to the Fan Speed Control Look Up Table.
The EMC2113 includes a hardware programmable temperature limit and dedicated system shutdown
output for thermal protection of critical circuitry.
Figure 6.1 shows a system diagram of the EMC2113.
Figure 6.1 System Diagram for EMC2113
HO S T
SM Bu s
In te rfa c e
SM DA T A
E M C 2 113
SM C L K
PW M
AL ER T
Fan D riv e
Circ u itry
TA C H
SY S_ SH DN
VD D
VD D
1.5V
1.2 k
A DDR_ S E L
O p tion al A n ti-
pa ra lle l D iod e
VD D
PW M _ IN
VD D
DP 1
DN 1
D P 2 / DN3
DN 2 / D P 3
TR IP _ S E T
SH D N _ SEL
VD D
GN D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com