Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 28 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 24Page - SMSC Corporation EMC2113 Datasheet HTML 25Page - SMSC Corporation EMC2113 Datasheet HTML 26Page - SMSC Corporation EMC2113 Datasheet HTML 27Page - SMSC Corporation EMC2113 Datasheet HTML 28Page - SMSC Corporation EMC2113 Datasheet HTML 29Page - SMSC Corporation EMC2113 Datasheet HTML 30Page - SMSC Corporation EMC2113 Datasheet HTML 31Page - SMSC Corporation EMC2113 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
Revision 1.2 (10-08-09)
28
SMSC EMC2113
DATASHEET
The user programs the look-up table based on the desired operation. If the RPM-based Fan Speed
Control Algorithm is to be used (see Section 6.6, "RPM-Based Fan Speed Control Algorithm (FSC)"),
then the user must program a fan speed target for each temperature setting of interest. Alternately, if
the RPM-based Fan Speed Control Algorithm is not to be used, then the user must program a PWM
setting for each temperature setting of interest.
If the measured temperature on the External Diode channel meets or exceeds any of the temperature
thresholds for any of the channels, the fan output will be automatically set to the desired setting
corresponding to the exceeded temperature. In cases where multiple temperature channel thresholds
are exceeded, the highest fan drive setting will take precedence. Figure 6.3, "Fan Control Look-Up
Table Example" shows an example of this behavior using a single channel.
When the measured temperature drops to a point below a lower threshold minus the hysteresis value,
the fan output will be set to the corresponding lower set point.
To turn the fan off, there are 2 methods:
The first is to set the Temps1-4 Setting 1 values (+ hysteresis) above the temperatures desired for
the fan to turn off. When the temperatures fall below Temps1-4 (out of the LUT) by the hysteresis
amount, the fan drive will be set to 0.
The second is to set the Drive 1 value to 0% (or 0RPM) as well as the Temp 1-4 values to the
temperatures (+ hysteresis) at which the fan should turn off. This method will reduce the effective
amount of fan drive settings to 7.
Figure 6.3 Fan Control Look-Up Table Example
Time
Fan
Setting
Temp
S2
S3
S4
T4
T5
T6
Averaged
Temperature
T4 - Hyst
T5 - Hyst
T6 - Hyst
S1
T3
T3 - Hyst
T2
T2 - Hyst
S6
T1
S5
Measurement taken
Fan
Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com