Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 83 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 83 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 77Page - SMSC Corporation EMC2113 Datasheet HTML 78Page - SMSC Corporation EMC2113 Datasheet HTML 79Page - SMSC Corporation EMC2113 Datasheet HTML 80Page - SMSC Corporation EMC2113 Datasheet HTML 81Page - SMSC Corporation EMC2113 Datasheet HTML 82Page - SMSC Corporation EMC2113 Datasheet HTML 83Page - SMSC Corporation EMC2113 Datasheet HTML 84Page - SMSC Corporation EMC2113 Datasheet HTML 85Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 83 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
SMSC EMC2113
83
Revision 1.2 (10-08-09)
DATASHEET
Bits 1-0 - SPINUP_TIME[1:0] = ‘10b’ tells the circuitry that if the Spin Up Routine is invoked, it will run
at 100% duty cycle for 250ms and at 40% duty cycle for 750ms for a total spin up time of 1s.
A.2.2
LUT Configuration - Bit Description
7 - USE_DTS_F1 = ‘1b’ tells the circuitry that the data in the Pushed Temperature 1 register is in DTS
format which means that the value in the register is equal to 100C - CPU Temp.
Bit 6 - USE_DTS_F2 = ‘1b’ tells the circuitry that the data in the Pushed Temperature 1 register is in
DTS format which means that the value in the register is equal to 100°C - CPU temp.
Bit 5 - LUT_LOCK = ‘1b’ tells the circuitry that the LUT is programmed and is active. This bit must be
set for the LUT to function.
Bit 4 - RPM_PWM = ‘0b’ tells the LUT circuitry that the FSC algorithm is active and that the LUT values
are TACH Target settings. This is the default setting.
Bit 3 - PUSH1_CFG = ‘0b’ tells the circuitry that the LUT should referenced the Forced Temperature
data instead of the PWM Input Duty Cycle data. This is the default setting.
Bit 2 - TEMP1_CFG = ‘0b’ tells the LUT to reference the External Diode 1 data instead of Forced
Temperature 1 data.
Bit 1 - TEMP3_CFG = ‘1’b tells the Look Up Table to reference the Forced Temperature 1 data instead
of the External Diode 3 data.
Bit 0- TEMP4_CFG = ‘1b’ tells the Look Up Table to reference the Forced Temperature 2 data instead
of the Internal Diode data.
Note: The values shown in Table A.6 are example settings. All the cells in the look-up table are
programmable via SMBus.
Table A.6 Fan Speed Control Table Example #2
FAN
SPEED
STEP #
EXTERNAL
DIODE 1
TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
PUSHED
TEMPERATURE
SETTING (DTS1)
PUSHED
TEMPERATURE
SETTING (DTS2)
TACH
TARGET
HIGH BYTE
135oC65oC50oC40oC
EFh
(1028 RPM)
240oC75oC55oC45oC
A3h
(1508 RPM)
350oC85oC60oC50oC
7Ah
(2014 RPM)
460oC90oC65oC55oC
62h
(2508 RPM)
570oC95oC70oC60oC
52h
(2997 RPM)
680oC
100oC75oC65oC
3Dh
(4029 RPM)
790oC
105oC80oC80oC
31h
(5016 RPM)
8100oC110oC85oC100oC
29h
(5994 RPM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com