Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 75 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 75 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 71Page - SMSC Corporation EMC2113 Datasheet HTML 72Page - SMSC Corporation EMC2113 Datasheet HTML 73Page - SMSC Corporation EMC2113 Datasheet HTML 74Page - SMSC Corporation EMC2113 Datasheet HTML 75Page - SMSC Corporation EMC2113 Datasheet HTML 76Page - SMSC Corporation EMC2113 Datasheet HTML 77Page - SMSC Corporation EMC2113 Datasheet HTML 78Page - SMSC Corporation EMC2113 Datasheet HTML 79Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
SMSC EMC2113
75
Revision 1.2 (10-08-09)
DATASHEET
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2.95
3.05
3.15
3.25
3.35
3.45
3.55
3.65
PWM Output Drive Frequency
Variation vs. Supply Voltage
Base = 26kHz, Divide = 0
Base = 2441Hz, Divide =
128 = 19Hz
Supply Voltage (V)
PWM
Output
10x Zoom
on PWM
Output
Update Time = 200ms; Max Step = 16 PWM counts
RPM Target from 0 RPM -> 8000 RPM @ time t = 0
FSC Algorithm PWM Ramping
Spin Up Routine Ends – begins
normal operation
Update Time ends, PWM duty
cycle changed
Update Time ends, PWM
duty cycle changed
Duty Cycle Measured
PWM
Output
10x Zoom
on PWM
Output
Spin Time = 1.0s; Spin Level = 55%; Updated Time = 200ms;
RPM Target from 0 RPM -> 8000 RPM @ time t = 0
FSC Algorithm Spin Up Routine
t = 0
Duty Cycle Measured = 53.8%
PWM
Output
10x Zoom
on PWM
Output
Spin Time = 1.0s; Spin Level = 50%; UpdateTime = 200ms;
RPM Target from 0 RPM -> 8000 RPM @ time t = 0
FSC Algorithm Spin Up Routine – NoKick
t = 0
Duty Cycle Measured = 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com