Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 55 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 55 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 51Page - SMSC Corporation EMC2113 Datasheet HTML 52Page - SMSC Corporation EMC2113 Datasheet HTML 53Page - SMSC Corporation EMC2113 Datasheet HTML 54Page - SMSC Corporation EMC2113 Datasheet HTML 55Page - SMSC Corporation EMC2113 Datasheet HTML 56Page - SMSC Corporation EMC2113 Datasheet HTML 57Page - SMSC Corporation EMC2113 Datasheet HTML 58Page - SMSC Corporation EMC2113 Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
SMSC EMC2113
55
Revision 1.2 (10-08-09)
DATASHEET
Bit 7 - PWM_INT_EN - Allows the PWM input to assert the ALERT pin.
‘0’ (default) - The ALERT pin will not be asserted if the PWM input duty cycle meets or exceeds
its high limit.
‘1’ - The ALERT pin will be asserted if the PWM input duty cycle meets or exceeds its high limit.
Bit 3 - EXT3_INT_EN - Allows the External Diode 3 to assert the ALERT pin.
‘0’ (default) - The ALERT pin will not be asserted for any error condition associated with External
Diode 3 channel.
‘1’ - The ALERT pin will be asserted for an error condition associated with External Diode 3
channel.
Bit 2 - EXT2_INT_EN - Allows the External Diode 2 to assert the ALERT pin.
‘0’ (default) - The ALERT pin will not be asserted for any error condition associated with External
Diode 2 channel.
‘1’ - The ALERT pin will be asserted for an error condition associated with External Diode 2
channel.
Bit 1 - EXT1_INT_EN - Allows the External Diode 1 to assert the ALERT pin.
‘0’ (default) - The ALERT pin will not be asserted for any error condition associated with External
Diode 1 channel.
‘1’ - The ALERT pin will be asserted for an error condition associated with External Diode 1
channel.
Bit 0 - INT_INT_EN - Allows the Internal Diode to assert the ALERT pin.
‘0’ (default) - The ALERT pin will not be asserted for any error condition associated with the Internal
Diode.
‘1’ - The ALERT pin will be asserted for an error condition associated with the Internal Diode.
7.17
Fan Interrupt Enable Register
The Fan Interrupt Enable Register controls the masking for errors generated by the Fan Driver. When
a channel is masked, it will not cause the ALERT pin to be asserted when an error condition is
detected.
Bit 1 - SPIN_INT_EN - Allows the FAN_SPIN bit to assert the ALERT pin.
‘0’ (default) - the FAN_SPIN bit will not assert the ALERT pin though it will still update the Status
Register normally.
‘1’ - the FAN_SPIN bit will assert the ALERT pin.
Bit 0 - STALL_INT_EN - Allows the FAN_STALL bit or DRIVE_FAIL bit to assert the ALERT pin.
‘0’ (default) - the FAN_STALL bit or DRIVE_FAIL bit will not assert the ALERT pin though will still
update the Status Register normally.
‘1’ - the FAN_STALL bit will assert the ALERT pin.
Table 7.24 Fan Interrupt Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
29h
R/W
Fan
Interrupt
Enable
--
-
-
-
-
SPIN_
INT_EN
STALL_
INT_EN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com