Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 73 Page - SMSC Corporation

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2113 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button EMC2113 Datasheet HTML 69Page - SMSC Corporation EMC2113 Datasheet HTML 70Page - SMSC Corporation EMC2113 Datasheet HTML 71Page - SMSC Corporation EMC2113 Datasheet HTML 72Page - SMSC Corporation EMC2113 Datasheet HTML 73Page - SMSC Corporation EMC2113 Datasheet HTML 74Page - SMSC Corporation EMC2113 Datasheet HTML 75Page - SMSC Corporation EMC2113 Datasheet HTML 76Page - SMSC Corporation EMC2113 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
SMSC EMC2113
73
Revision 1.2 (10-08-09)
DATASHEET
Chapter 8 Typical Operating Curves
The following Typical Operating Curves are included:
Supply Current vs. Temperature
Supply Current vs. Supply Voltage
Temperature Error vs. Series Resistance
Temperature Error vs. Ambient Temperature
Temperature Error vs. Supply Voltage
Fan TACH Accuracy vs. Temperature
Fan TACH Accuracy vs. Supply Voltage
PWM Output Frequency vs. Supply Voltage
PWM Output Frequency vs. Temperature
FSC Operation
Look Up Table operation - PWM / Direct Drive
0
200
400
600
800
1000
1200
1400
-50
0
50
100
150
Supply Current vs. Temperature
VDD = 3.3V
Ambient Temperature (°C)
1/ sec w/o dynamic averaging
4/ sec w/ dynamic averaging
0
200
400
600
800
1000
1200
1400
2.95
3.05
3.15
3.25
3.35
3.45
3.55
3.65
Supply Current vs. Supply Voltage
TA = 25
°C
Supply Voltage (V)
1 / sec w/o Dynamic Averaging
4 / sec w/ Dynamic Averaging
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
40
80
120
160
0
10
20
30
40
50
60
70
80
90
100
Temperature Measurement
Accuracy vs. Series Resistance
REC Enabled
REC Disabled
Series Resistance (ohm)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-50
0
50
100
150
Temperature Measurement Error vs. Ambient
Temperature
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com