Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8430-62 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS8430-62
Description  500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430-62 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS8430-62 Datasheet HTML 12Page - Integrated Device Technology ICS8430-62 Datasheet HTML 13Page - Integrated Device Technology ICS8430-62 Datasheet HTML 14Page - Integrated Device Technology ICS8430-62 Datasheet HTML 15Page - Integrated Device Technology ICS8430-62 Datasheet HTML 16Page - Integrated Device Technology ICS8430-62 Datasheet HTML 17Page - Integrated Device Technology ICS8430-62 Datasheet HTML 18Page - Integrated Device Technology ICS8430-62 Datasheet HTML 19Page - Integrated Device Technology ICS8430-62 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ICS8430-62 Datasheet
500MHz CRYSTAL-TO-3.3V, 2.5V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430AY-62 REVISION A JULY 2, 2009
16
©2009 Integrated Device Technology, Inc.
The following component footprints are used in this layout example.
All the resistors and capacitors are size 0603.
Power and Grounding
Place the decoupling capacitors C14 and C15, as close as possible
to the power pins. If space allows, placement of the decoupling
capacitor on the component side is preferred. This can reduce
unwanted inductance between the decoupling capacitor and the
power pin caused by the via.
Maximize the pad size of the power (ground) at the decoupling
capacitor. Maximize the number of vias between power (ground) and
the pads. This can reduce the inductance between the power
(ground) plane and the component power (ground) pins.
If VCCA shares the same power supply with VCC, insert the RC filter
R7, C11, and C16 in between. Place this RC filter as close to the
VCCA pin as possible.
Clock Traces and Termination
The component placements, locations and orientations should be
arranged to achieve the best clock signal quality. Poor clock signal
quality can degrade the system performance or cause system failure.
In the synchronous high-speed digital system, the clock signal is less
tolerable to poor signal quality than other signals. Any ringing on the
rising or falling edge or excessive ring back can cause system failure.
The trace shape and the trace delay might be restricted by the
available space on the board and the component location. While
routing the traces, the clock signal traces should be routed first and
should be locked prior to routing other signal traces.
• The traces with 50
Ω transmission lines TL1 and TL2 at
FOUT and nFOUT should have equal delay and run adjacent to
each other. Avoid sharp angles on the clock trace.Sharp angle
turns cause the characteristic impedance to change on the
transmission lines.
• Avoid sharp angles on the clock trace. Sharp angle turns
cause the characteristic impedance to change on the
transmission lines.
• Keep the clock trace on the same layer. Whenever possible,
avoid any vias on the clock traces. Any via on the trace can
affect the trace characteristic impedance and hence degrade
signal quality.
• To prevent cross talk, avoid routing other signal traces in
parallel with the clock traces. If running parallel traces is
unavoidable, allow more space between the clock trace and
the other signal trace.
• Make sure no other signal traces are routed between the
clock trace pair.
The matching termination resistors R1, R2, R3 and R4 should be
located as close to the receiver input pins as possible. Other
termination schemes can also be used but are not shown in this
example.
Crystal
The crystal X1 should be located as close as possible to the pins 24
(XTAL_OUT) and 25 (XTAL_IN). The trace length between the X1
and U1 should be kept to a minimum to avoid unwanted parasitic
inductance and capacitance. Other signal traces should not be
routed near the crystal traces.
Figure 7B. PCB Board Layout for ICS8430-62
R7
X1
R4
TL1, TL21N are 50 Ohm
traces and equal length
C16
C2
PIN 1
C11
C1
U1
C14
R3
TL1
C15
R2
VIA
Close to the input
pins of the
receiver
R1
GND
TL1N
VCCA
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com