Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8430-62 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ICS8430-62
Description  500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430-62 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ICS8430-62 Datasheet HTML 11Page - Integrated Device Technology ICS8430-62 Datasheet HTML 12Page - Integrated Device Technology ICS8430-62 Datasheet HTML 13Page - Integrated Device Technology ICS8430-62 Datasheet HTML 14Page - Integrated Device Technology ICS8430-62 Datasheet HTML 15Page - Integrated Device Technology ICS8430-62 Datasheet HTML 16Page - Integrated Device Technology ICS8430-62 Datasheet HTML 17Page - Integrated Device Technology ICS8430-62 Datasheet HTML 18Page - Integrated Device Technology ICS8430-62 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ICS8430-62 Datasheet
500MHz CRYSTAL-TO-3.3V, 2.5V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430AY-62 REVISION A JULY 2, 2009
15
©2009 Integrated Device Technology, Inc.
Schematic Example
The schematic of the ICS8430-62 layout example used in this layout
guideline is shown in Figure 7A. The ICS8430-62 recommended
PCB board layout for this example is shown in Figure 7B. This layout
example is used as a general guideline. The layout in the actual
system will depend on the selected component types, the density of
the components, the density of the traces, and the stack up of the P.C.
board.
Figure 7A. ICS8430-62 Schematic of Recommended Layout
R4
84
X1
C11
0.01u
R3
125
Zo = 50 Ohm
Zo = 50 Ohm
C1
C15
0.1u
R1
125
R7
10
C16
10u
C14
0.1u
+
-
R2
84
C2
VCC
U1
M5
1
M6
2
M7
3
M8
4
N0
5
N1
6
N2
7
VEE
8
MR
17
S_CLOCK
18
S_DATA
19
S_LOAD
20
VCCA
21
XTAL_SEL
22
REF_CLK
23
XTAL_OUT
24
VCC
VCC
VCCA
RU1
1K
RD1
SP
VCC
RU2
SP
RD2
1K
VCC
To Logic
Input
pins
Set Logic
Input to '0'
Set Logic
Input to '1'
Logic Input Pin Examples
To Logic
Input
pins
SP = Spare Pads
VCC=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com