Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8430-62 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS8430-62
Description  500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430-62 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS8430-62 Datasheet HTML 1Page - Integrated Device Technology ICS8430-62 Datasheet HTML 2Page - Integrated Device Technology ICS8430-62 Datasheet HTML 3Page - Integrated Device Technology ICS8430-62 Datasheet HTML 4Page - Integrated Device Technology ICS8430-62 Datasheet HTML 5Page - Integrated Device Technology ICS8430-62 Datasheet HTML 6Page - Integrated Device Technology ICS8430-62 Datasheet HTML 7Page - Integrated Device Technology ICS8430-62 Datasheet HTML 8Page - Integrated Device Technology ICS8430-62 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ICS8430-62 Datasheet
500MHz CRYSTAL-TO-3.3V, 2.5V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430AY-62 REVISION A JULY 2, 2009
2
©2009 Integrated Device Technology, Inc.
Functional Description
NOTE: The functional description that follows describes operation
using a 16MHz crystal. Valid PLL loop divider values for different
crystal or input frequencies are defined in the Input Frequency
Characteristics, Table 5, NOTE 1.
The ICS8430-62 features a fully integrated PLL and therefore
requires no external components for setting the loop bandwidth. A
parallel-resonant, fundamental crystal is used as the input to the
on-chip oscillator. The output of the oscillator is divided by 16 prior to
the phase detector. With a 16MHz crystal, this provides a 1MHz
reference frequency. The VCO of the PLL operates over a range of
250MHz to 500MHz. The output of the M divider is also applied to the
phase detector.
The phase detector and the M divider force the VCO output
frequency to be M times the reference frequency by adjusting the
VCO control voltage. Note that for some values of M (either too high
or too low), the PLL will not achieve lock. The output of the VCO is
scaled by a divider prior to being sent to each of the LVPECL output
buffers. The divider provides a 50% output duty cycle.
The programmable features of the ICS8430-62 support two input
modes to program the M divider and N output divider. The two input
operational modes are parallel and serial. Figure 1 shows the timing
diagram for each mode. In parallel mode, the nP_LOAD input is
initially LOW. The data on inputs M0 through M8 and N0 through N2
is passed directly to the M divider and N output divider. On the
LOW-to-HIGH transition of the nP_LOAD input, the data is latched
and the M divider remains loaded until the next LOW transition on
nP_LOAD or until a serial event occurs. As a result, the M and N bits
can be hard-wired to set the M divider and N output divider to a
specific default state that will automatically occur during power-up.
The TEST output is LOW when operating in the parallel input mode.
The relationship between the VCO frequency, the crystal frequency
and the M divider is defined as follows:
fVCO = fXTAL x M
16
The M value and the required values of M0 through M8 are shown in
Table 3B, Programmable VCO Frequency Function Table. Valid M
values for which the PLL will achieve lock for a 16MHz reference are
defined as 250
≤ M ≤ 500. The frequency out is defined as follows:
fout = fVCO = fXTAL x M
N16
N
Serial operation occurs when nP_LOAD is HIGH and S_LOAD is
LOW. The shift register is loaded by sampling the S_DATA bits with
the rising edge of S_CLOCK. The contents of the shift register are
loaded into the M divider and N output divider when S_LOAD
transitions from LOW-to-HIGH. The M divide and N output divide
values are latched on the HIGH-to-LOW transition of S_LOAD. If
S_LOAD is held HIGH, data at the S_DATA input is passed directly to
the M divider and N output divider on each rising edge of S_CLOCK.
The serial mode can be used to program the M and N bits and test
bits T1 and T0. The internal registers T0 and T1 determine the state
of the TEST output as follows:
T1
T0
TEST Output
00
LOW
0
1
S_DATA, Shift Register Input
1
0
Output of M Divider
1
1
Do Not Use
Time
SERIAL LOADING
PARALLEL LOADING
t
S
t
H
t
S
t
H
t
S
M, N
M0
M1
M2
M3
M4
M5
M6
M7
M8
N0
N1
N2
T0
T1
S_CLOCK
S_DATA
S_LOAD
S_LOAD
nP_LOAD
M0:M8, N0:N2
nP_LOAD
Figure 1. Parallel & Serial Load Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com