Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8430-62 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS8430-62
Description  500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430-62 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS8430-62 Datasheet HTML 2Page - Integrated Device Technology ICS8430-62 Datasheet HTML 3Page - Integrated Device Technology ICS8430-62 Datasheet HTML 4Page - Integrated Device Technology ICS8430-62 Datasheet HTML 5Page - Integrated Device Technology ICS8430-62 Datasheet HTML 6Page - Integrated Device Technology ICS8430-62 Datasheet HTML 7Page - Integrated Device Technology ICS8430-62 Datasheet HTML 8Page - Integrated Device Technology ICS8430-62 Datasheet HTML 9Page - Integrated Device Technology ICS8430-62 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ICS8430-62 Datasheet
500MHz CRYSTAL-TO-3.3V, 2.5V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430AY-62 REVISION A JULY 2, 2009
6
©2009 Integrated Device Technology, Inc.
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = 3.3V±5%, VCCO = 3.3V±5% or 2.5V±5%, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
Ω to V
CCO/2. See Parameter Measurement Information section. Load Test Circuit diagrams.
Table 4C. LVPECL DC Characteristics, VCC = VCCO = 3.3V±5%, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
Ω to V
CCO – 2V.
Table 4D. LVPECL DC Characteristics, VCC = 3.3V±5%, VCCO = 2.5V±5%, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
Ω to V
CCO – 2V.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VCC + 0.3
V
VIL
Input
Low Voltage
-0.3
0.8
V
IIH
Input
High Current
M[0:6], N0, N2, MR,
S_CLOCK, REF_CLK,
S_DATA, S_LOAD,
nP_LOAD
VCC = VIN = 3.465V
150
µA
M7, M8, N1,
XTAL_SEL, VCO_SEL
VCC = VIN = 3.465V
5
µA
IIL
Input
Low Current
M[0:6], N0, N2, MR,
S_CLOCK, REF_CLK,
S_DATA, S_LOAD,
nP_LOAD
VCC = 3.465V, VIN = 0V
-5
µA
M7, M8, N1,
XTAL_SEL, VCO_SEL
VCC = 3.465V, VIN = 0V
-150
µA
VOH
Output
High Voltage
TEST; NOTE 1
VCCO = 3.3V±%
2.6
V
VCCO = 2.5V±5%
1.8
V
VOL
Output
Low Voltage
TEST; NOTE 1
VCCO = 3.3V±5% or 2.5V±5%
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Current; NOTE 1
VCCO – 1.4
VCCO – 0.9
µA
VOL
Output Low Current; NOTE 1
VCCO– 2.0
VCCO – 1.7
µA
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Current; NOTE 1
VCCO – 1.4
VCCO – 0.9
µA
VOL
Output Low Current; NOTE 1
VCCO– 2.0
VCCO – 1.5
µA
VSWING
Peak-to-Peak Output Voltage Swing
0.4
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com