Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8430-62 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8430-62
Description  500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430-62 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8430-62 Datasheet HTML 1Page - Integrated Device Technology ICS8430-62 Datasheet HTML 2Page - Integrated Device Technology ICS8430-62 Datasheet HTML 3Page - Integrated Device Technology ICS8430-62 Datasheet HTML 4Page - Integrated Device Technology ICS8430-62 Datasheet HTML 5Page - Integrated Device Technology ICS8430-62 Datasheet HTML 6Page - Integrated Device Technology ICS8430-62 Datasheet HTML 7Page - Integrated Device Technology ICS8430-62 Datasheet HTML 8Page - Integrated Device Technology ICS8430-62 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DATASHEET
ICS8430AY-62 REVISION A JULY 2, 2009
1
©2009 Integrated Device Technology, Inc.
500MHz, Crystal-to-3.3V, 2.5V
Differential LVPECL Frequency Synthesizer
ICS8430-62
General Description
The ICS8430-62 is a general purpose, dual output
Crystal-to-3.3V, 2.5V Differential LVPECL High
Frequency Synthesizer and a member of the
HiPerClockS™ family of High Performance Clock
Solutions from IDT. The ICS8430-62 has a selectable
REF_CLK or crystal inputs. The VCO operates at a frequency range
of 250MHz to 500MHz. The VCO frequency is programmed in steps
equal to the value of the input reference or crystal frequency. The
VCO and output frequency can be programmed using the serial or
parallel interfaces to the configuration logic. Frequency steps as
small as 1MHz can be achieved using a 16MHz crystal or REF_CLK.
Features
• Dual differential 3.3V or 2.5V LVPECL outputs
• Selectable crystal oscillator interface or LVCMOS/LVTTL
REF_CLK
• Output frequency range: 20.83MHz to 500MHz
• Crystal input frequency range: 14MHz to 27MHz
• VCO range: 250MHz to 500MHz
• Parallel or serial interface for programming counter
and output dividers
• RMS period jitter: 5ps (maximum)
• Cycle-to-cycle jitter: 35ps (maximum)
• Full 3.3V or 3.3V core/2.5V output supply
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
Block Diagram
HiPerClockS™
ICS
OSC
Phase Detector
VCO
Configuration
Interface Logic
÷16
÷M
÷1
÷1.5
÷2
÷3
÷4
÷6
÷8
÷12
PLL
0
1
0
1
FOUT0
nFOUT0
FOUT1
nFOUT1
TEST
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
MR
XTAL_OUT
XTAL_IN
XTAL_SEL
VCO_SEL
REF_CLK
N0:N2
Pulldown
Pulldown
Pullup
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
9
3
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
M5
M6
M7
M8
N0
N1
N2
VEE
XTAL_OUT
REF_CLK
XTAL_SEL
VCCA
S_LOAD
S_DATA
S_CLOCK
MR
Pin Assignment
ICS8430-62
32 Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View


Similar Part No. - ICS8430-62

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004
More results

Similar Description - ICS8430-62

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 21, 2004
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. C APRIL 8, 2005
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MARCH 22, 2004
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 28, 2003
logo
Pericom Semiconductor C...
PI6C484321 PERICOM-PI6C484321 Datasheet
507Kb / 9P
260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
logo
Integrated Device Techn...
843004I-01 IDT-843004I-01 Datasheet
406Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
ICS843004I-156 IDT-ICS843004I-156 Datasheet
246Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
8430I-61 RENESAS-8430I-61 Datasheet
501Kb / 22P
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequeny Synthesizer
10/15/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com