Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8430-62 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS8430-62
Description  500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430-62 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS8430-62 Datasheet HTML 1Page - Integrated Device Technology ICS8430-62 Datasheet HTML 2Page - Integrated Device Technology ICS8430-62 Datasheet HTML 3Page - Integrated Device Technology ICS8430-62 Datasheet HTML 4Page - Integrated Device Technology ICS8430-62 Datasheet HTML 5Page - Integrated Device Technology ICS8430-62 Datasheet HTML 6Page - Integrated Device Technology ICS8430-62 Datasheet HTML 7Page - Integrated Device Technology ICS8430-62 Datasheet HTML 8Page - Integrated Device Technology ICS8430-62 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ICS8430-62 Datasheet
500MHz CRYSTAL-TO-3.3V, 2.5V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430AY-62 REVISION A JULY 2, 2009
3
©2009 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2, 28, 29,
30, 31, 32
M5, M6, M0, M1,
M2, M3, M4
Input
Pulldown
M divider inputs. Data latched on LOW-to-HIGH transition of nP_LOAD input.
LVCMOS/LVTTL interface levels.
3, 4
M7, M8
Input
Pullup
5, 7
N0, N2
Input
Pulldown
Determines output divider value as defined in Table 3C, Function Table.
LVCMOS/LVTTL interface levels.
6
N1
Input
Pullup
8, 16
VEE
Power
Negative supply pins.
9
TEST
Output
Test output which is ACTIVE in the serial mode of operation.
Output driven LOW in parallel mode. LVCMOS/LVTTL interface levels.
10
VCC
Power
Core supply pin.
11, 12
FOUT1, nFOUT1
Output
Differential output pair for the synthesizer. LVPECL interface levels.
13
VCCO
Power
Output supply pin for LVPECL outputs.
14, 15
FOUT0, nFOUT0
Output
Differential output pair for the synthesizer. LVPECL interface levels.
17
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs FOUTx to go low and the inverted outputs nFOUTx to
go high. When Logic LOW, the internal dividers and the outputs are enabled.
Assertion of MR does not affect loaded M, N, and T values.
LVCMOS/LVTTL interface levels.
18
S_CLOCK
Input
Pulldown
Clocks in serial data present at S_DATA input into the shift register on the
rising edge of S_CLOCK. LVCMOS/LVTTL interface levels.
19
S_DATA
Input
Pulldown
Shift register serial input. Data sampled on the rising edge of S_CLOCK.
LVCMOS/LVTTL interface levels.
20
S_LOAD
Input
Pulldown
Controls transition of data from shift register into the dividers.
LVCMOS/LVTTL interface levels.
21
VCCA
Power
Analog supply pin.
22
XTAL_SEL
Input
Pullup
Selects between crystal oscillator or REF_CLK inputs as the PLL reference
source. Selects XTAL inputs when HIGH. Selects REF_CLK when LOW.
LVCMOS/LVTTL interface levels.
23
REF_CLK
Input
Pulldown
Single-ended reference clock input. LVCMOS/LVTTL interface levels.
24,
25
XTAL_OUT
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
26
nP_LOAD
Input
Pulldown
Parallel load input. Determines when data present at M8:M0 is loaded into M
divider, and when data present at N2:N0 sets the N output divider value.
LVCMOS/LVTTL interface levels.
27
VCO_SEL
Input
Pullup
Determines whether synthesizer is in PLL or bypass mode. When LOW,
synthesizer is in bypass mode, when HIGH,synthesizer is in PLL mode.
LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN
Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com