Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-MU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB321D-MU
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-MU Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB321D-MU Datasheet HTML 1Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 2Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 3Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 4Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 5Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 6Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 7Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 8Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2
3597N–DFLASH–04/09
AT45DB321D
sequentially access its data. The simple sequential access dramatically reduces active pin
count, facilitates hardware layout, increases system reliability, minimizes switching noise, and
reduces package size. The device is optimized for use in many commercial and industrial appli-
cations where high-density, low-pin count, low-voltage and low-power are essential.
To allow for simple in-system reprogrammability, the AT45DB321D does not require high input
voltages for programming. The device operates from a single power supply, 2.7V to 3.6V, for
both the program and read operations. The AT45DB321D is enabled through the chip select pin
(CS) and accessed via a three-wire interface consisting of the Serial Input (SI), Serial Output
(SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.
2. Pin Configurations and Pinouts
Figure 2-1.
MLF(1) (VDFN) Top View
Note:
1. The metal pad on the bottom of the MLF
package is floating. This pad can be a “No
Connect” or connected to GND.
Figure 2-2.
SOIC Top View
Figure 2-3.
BGA Package Ball-Out (Top View)
Figure 2-4.
TSOP Top View: Type 1
Note:
TSOP package is not recommended for new designs. Future die
shrinks will support 8-pin packages only.
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP
A
B
C
D
E
5
4
3
2
1
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VCC
GND
SCK
CS
RDY/BSY
WP
SI
SO
RESET
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RDY/BUSY
RESET
WP
NC
NC
VCC
GND
NC
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com