Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-MU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45DB321D-MU
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-MU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45DB321D-MU Datasheet HTML 1Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 2Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 3Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 4Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 5Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 6Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 7Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 8Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
3
3597N–DFLASH–04/09
AT45DB321D
Table 2-1.
Pin Configurations
Symbol
Name and Function
Asserted
State
Type
CS
Chip Select: Asserting the CS pin selects the device. When the CS pin is deasserted, the device
will be deselected and normally be placed in the standby mode (not Deep Power-Down mode),
and the output pin (SO) will be in a high-impedance state. When the device is deselected, data
will not be accepted on the input pin (SI).
A high-to-low transition on the CS pin is required to start an operation, and a low-to-high
transition is required to end an operation. When ending an internally self-timed operation such as
a program or erase cycle, the device will not enter the standby mode until the completion of the
operation.
Low
Input
SCK
Serial Clock: This pin is used to provide a clock to the device and is used to control the flow of
data to and from the device. Command, address, and input data present on the SI pin is always
latched on the rising edge of SCK, while output data on the SO pin is always clocked out on the
falling edge of SCK.
–
Input
SI
Serial Input: The SI pin is used to shift data into the device. The SI pin is used for all data input
including command and address sequences. Data on the SI pin is always latched on the rising
edge of SCK.
–
Input
SO
Serial Output: The SO pin is used to shift data out from the device. Data on the SO pin is always
clocked out on the falling edge of SCK.
–
Output
WP
Write Protect: When the WP pin is asserted, all sectors specified for protection by the Sector
Protection Register will be protected against program and erase operations regardless of
whether the Enable Sector Protection command has been issued or not. The WP pin functions
independently of the software controlled protection method. After the WP pin goes low, the
content of the Sector Protection Register cannot be modified.
If a program or erase command is issued to the device while the WP pin is asserted, the device
will simply ignore the command and perform no operation. The device will return to the idle state
once the CS pin has been deasserted. The Enable Sector Protection command and Sector
Lockdown command, however, will be recognized by the device when the WP pin is asserted.
The WP pin is internally pulled-high and may be left floating if hardware controlled protection will
not be used. However, it is recommended that the WP pin also be externally connected to VCC
whenever possible.
Low
Input
RESET
Reset: A low state on the reset pin (RESET) will terminate the operation in progress and reset
the internal state machine to an idle state. The device will remain in the reset condition as long as
a low level is present on the RESET pin. Normal operation can resume once the RESET pin is
brought back to a high level.
The device incorporates an internal power-on reset circuit, so there are no restrictions on the
RESET pin during power-on sequences. If this pin and feature are not utilized it is recommended
that the RESET pin be driven high externally.
Low
Input
RDY/BUSY
Ready/Busy: This open drain output pin will be driven low when the device is busy in an
internally self-timed operation. This pin, which is normally in a high state (through an external
pull-up resistor), will be pulled low during programming/erase operations, compare operations,
and page-to-buffer transfers.
The busy status indicates that the Flash memory array and one of the buffers cannot be
accessed; read and write operations to the other buffer can still be performed.
–
Output
VCC
Device Power Supply: The VCC pin is used to supply the source voltage to the device.
Operations at invalid VCC voltages may produce spurious results and should not be attempted.
–Power
GND
Ground: The ground reference for the power supply. GND should be connected to the system
ground.
–
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com