Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-MU Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT45DB321D-MU
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-MU Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT45DB321D-MU Datasheet HTML 35Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 36Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 37Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 38Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 39Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 40Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 41Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 42Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
39
3597N–DFLASH–04/09
AT45DB321D
21.6 Reset Timing
Note:
The CS signal should be in the high state before the RESET signal is deasserted.
21.7 Command Sequence for Read/Write Operations for Page Size 512 Bytes (Except Status
Register Read, Manufacturer and Device ID Read)
21.8 Command Sequence for Read/Write Operations for Page Size 528 Bytes (Except Status
Register Read, Manufacturer and Device ID Read)
CS
SCK
RESET
SO (OUTPUT)
HIGH IMPEDANCE
HIGH IMPEDANCE
SI (INPUT)
tRST
tREC
tCSS
SI (INPUT)
CMD
8 bits
8 bits
8 bits
Page Address
(A21 - A9)
X X
X X X X X
X X X X X X X X X
LSB
X X X X X X X X
Byte/Buffer Address
(A8 - A0/BFA8 - BFA0)
MSB
Don’t Care
Bits
Page Address
(PA12 - PA0)
Byte/Buffer Address
(BA9 - BA0/BFA9 - BFA0)
SI (INPUT)
CMD
8 bits
8 bits
8 bits
X X X XX X X X
X X X X
LSB
X X X X X X X X
MSB
1 Don’t Care
Bit
X X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com