Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-MU Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT45DB321D-MU
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-MU Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT45DB321D-MU Datasheet HTML 48Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 49Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 50Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 51Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 52Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 53Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 54Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 55Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
52
3597N–DFLASH–04/09
AT45DB321D
27.3 8S2 – EIAJ SOIC
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
packagedrawings@atmel.com
8S2
STN
F
8S2, 8-lead, 0.208” Body, Plastic Small
Outline Package (EIAJ)
4/15/08
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes: 1. This drawing is for general information only; refer to EIAJ Drawing EDR-7320 for additional information.
2. Mismatch of the upper and lower dies and resin burrs aren't included.
3. Determines the true geometric position.
4. Values b,C apply to plated terminal. The standard thickness of the plating layer shall measure between 0.007 to .021 mm.
A
1.70
2.16
A1
0.05
0.25
b
0.35
0.48
4
C
0.15
0.35
4
D
5.13
5.35
E1
5.18
5.40
2
E
7.70
8.26
L
0.51
0.85
θ
0°
8°
e
1.27 BSC
3
θθ
1
1
N
N
E
E
TOP VIEW
TOP VIEW
C
C
E1
E1
END VIEW
END VIEW
A
A
b
b
L
L
A1
A1
e
e
D
D
SIDE VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com