Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-MU Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT45DB321D-MU
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-MU Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT45DB321D-MU Datasheet HTML 31Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 32Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 33Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 34Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 35Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 36Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 37Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 38Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
35
3597N–DFLASH–04/09
AT45DB321D
Table 18-4.
AC Characteristics – RapidS/Serial Interface
Symbol
Parameter
AT45DB321D
Min
Typ
Max
Units
fSCK
SCK Frequency
66
MHz
fCAR1
SCK Frequency for Continuous Array Read
66
MHz
fCAR2
SCK Frequency for Continuous Array Read
(Low Frequency)
33
MHz
tWH
SCK High Time
6.8
ns
tWL
SCK Low Time
6.8
ns
tSCKR
(1)
SCK Rise Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tSCKF(1)
SCK Fall Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tCS
Minimum CS High Time
50
ns
tCSS
CS Setup Time
5
ns
tCSH
CS Hold Time
5
ns
tCSB
CS High to RDY/BUSY Low
100
ns
tSU
Data In Setup Time
2
ns
tH
Data In Hold Time
3
ns
tHO
Output Hold Time
0
ns
tDIS
Output Disable Time
27
35
ns
tV
Output Valid
6ns
tWPE
WP Low to Protection Enabled
1
µs
tWPD
WP High to Protection Disabled
1
µs
tEDPD
CS High to Deep Power-down Mode
3
µs
tRDPD
CS High to Standby Mode
35
µs
tXFR
Page to Buffer Transfer Time
200
µs
tcomp
Page to Buffer Compare Time
200
µs
tEP
Page Erase and Programming Time (512/528 bytes)
17
40
ms
tP
Page Programming Time (512/528 bytes)
3
6
ms
tPE
Page Erase Time (512/528 bytes)
15
35
ms
tBE
Block Erase Time (4,096/4,224 bytes)
45
100
ms
tCE
Chip Erase Time
TBD
TBD
s
tSE
Sector Erase Time (262,144/270,336 bytes)
1.6
5
s
tRST
RESET Pulse Width
10
µs
tREC
RESET Recovery Time
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com