Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-MU Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT45DB321D-MU
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-MU Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT45DB321D-MU Datasheet HTML 30Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 31Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 32Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 33Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 34Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 35Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 36Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 37Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
34
3597N–DFLASH–04/09
AT45DB321D
Notes: 1. ICC1 during a buffer read is 20 mA maximum @ 20 MHz.
2. All inputs (SI, SCK, CS#, WP#, and RESET#) are guaranteed by design to be 5-Volt tolerant.
Table 18-3.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDP
Deep Power-down Current
CS, RESET, WP = VIH, all
inputs at CMOS levels
15
25
µA
ISB
Standby Current
CS, RESET, WP = VIH, all
inputs at CMOS levels
25
50
µA
ICC1(1)
Active Current, Read
Operation
f = 20 MHz; IOUT = 0 mA;
VCC = 3.6V
710
mA
f = 33 MHz; IOUT = 0 mA;
VCC = 3.6V
812
mA
f = 50 MHz; IOUT = 0 mA;
VCC = 3.6V
10
14
mA
f = 66 MHz; IOUT = 0 mA;
VCC = 3.6V
11
15
mA
ICC2
Active Current, Program/Erase
Operation
VCC = 3.6V
12
17
mA
ILI
Input Load Current
VIN = CMOS levels
1
µA
ILO
Output Leakage Current
VI/O = CMOS levels
1
µA
VIL
Input Low Voltage
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = 2.7V
0.4
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com