Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT25DF161
Description  16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF161 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT25DF161 Datasheet HTML 9Page - ATMEL Corporation AT25DF161 Datasheet HTML 10Page - ATMEL Corporation AT25DF161 Datasheet HTML 11Page - ATMEL Corporation AT25DF161 Datasheet HTML 12Page - ATMEL Corporation AT25DF161 Datasheet HTML 13Page - ATMEL Corporation AT25DF161 Datasheet HTML 14Page - ATMEL Corporation AT25DF161 Datasheet HTML 15Page - ATMEL Corporation AT25DF161 Datasheet HTML 16Page - ATMEL Corporation AT25DF161 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
13
3687C–DFLASH–7/09
AT25DF161 [Preliminary]
Figure 8-1.
Byte Program
Figure 8-2.
Page Program
8.2
Dual-Input Byte/Page Program
The Dual-Input Byte/Page Program command is similar to the standard Byte/Page Program
command and can be used to program anywhere from a single byte of data up to 256 bytes of
data into previously erased memory locations. Unlike the standard Byte/Page Program com-
mand, however, the Dual-Input Byte/Page Program command allows two bits of data to be
clocked into the device on every clock cycle rather than just one.
Before the Dual-Input Byte/Page Program command can be started, the Write Enable command
must have been previously issued to the device (see “Write Enable” on page 21) to set the Write
Enable Latch (WEL) bit of the Status Register to a logical “1” state. To perform a Dual-Input
Byte/Page Program command, an opcode of A2h must be clocked into the device followed by
the three address bytes denoting the first byte location of the memory array to begin program-
ming at. After the address bytes have been clocked in, data can then be clocked into the device
two bits at a time on both the SOI and SI pins.
The data is always input with the MSB of a byte first, and the MSB is always input on the SOI
pin. During the first clock cycle, bit 7 of the first data byte would be input on the SOI pin while bit
6 of the same data byte would be input on the SI pin. During the next clock cycle, bits 5 and 4 of
the first data byte would be input on the SOI and SI pins, respectively. The sequence would con-
tinue with each byte of data being input after every four clock cycles. Like the standard
Byte/Page Program command, all data clocked into the device is stored in an internal buffer.
If the starting memory address denoted by A23-A0 does not fall on an even 256-byte page
boundary (A7-A0 are not all 0), then special circumstances regarding which memory locations to
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AAAA
AAA
A
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD
D
DATA IN BYTE n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com