Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT25DF161
Description  16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF161 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT25DF161 Datasheet HTML 16Page - ATMEL Corporation AT25DF161 Datasheet HTML 17Page - ATMEL Corporation AT25DF161 Datasheet HTML 18Page - ATMEL Corporation AT25DF161 Datasheet HTML 19Page - ATMEL Corporation AT25DF161 Datasheet HTML 20Page - ATMEL Corporation AT25DF161 Datasheet HTML 21Page - ATMEL Corporation AT25DF161 Datasheet HTML 22Page - ATMEL Corporation AT25DF161 Datasheet HTML 23Page - ATMEL Corporation AT25DF161 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
20
3687C–DFLASH–7/09
AT25DF161 [Preliminary]
Figure 8-7.
Program/Erase Suspend
8.6
Program/Erase Resume
The Program/Erase Resume command allows a suspended program or erase operation to be
resumed and continue programming a Flash page or erasing a Flash memory block where it left
off. As with the Program/Erase Suspend command, the Write Enable command does not need
to be issued prior to the Program/Erase Resume command being issued. Therefore, the Pro-
gram/Erase Resume command operates independently of the state of the WEL bit in the Status
Register.
To perform a Program/Erase Resume, the CS pin must first be asserted and the opcode of D0h
must be clocked into the device. No address bytes need to be clocked into the device, and any
data clocked in after the opcode will be ignored. When the CS pin is deasserted, the program or
erase operation currently suspended will be resumed within a time of tRES. The PS bit or the ES
bit in the Status Register will then be reset back to the logical “0” state to indicate that the pro-
gram or erase operation is no longer suspended. In addition, the RDY/BSY bit in the Status
Register will indicate that the device is busy performing a program or erase operation. The com-
plete opcode must be clocked into the device before the CS pin is deasserted, and the CS pin
must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no resume
operation will be performed.
During a simultaneous Erase Suspend/Program Suspend condition, issuing the Program/Erase
Resume command will result in the program operation resuming first. After the program opera-
tion has been completed, the Program/Erase Resume command must be issued again in order
for the erase operation to be resumed.
While the device is busy resuming a program or erase operation, any attempts at issuing the
Program/Erase Suspend command will be ignored. Therefore, if a resumed program or erase
operation needs to be subsequently suspended again, the system must either wait the entire
tRES time before issuing the Program/Erase Suspend command, or it must check the status of
the RDY/BSY bit or the appropriate PS or ES bit in the Status Register to determine if the previ-
ously suspended program or erase operation has resumed.
SCK
CS
SI
SO
MSB
23
1
0
10110000
67
5
4
OPCODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com