Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT25DF161
Description  16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF161 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT25DF161 Datasheet HTML 36Page - ATMEL Corporation AT25DF161 Datasheet HTML 37Page - ATMEL Corporation AT25DF161 Datasheet HTML 38Page - ATMEL Corporation AT25DF161 Datasheet HTML 39Page - ATMEL Corporation AT25DF161 Datasheet HTML 40Page - ATMEL Corporation AT25DF161 Datasheet HTML 41Page - ATMEL Corporation AT25DF161 Datasheet HTML 42Page - ATMEL Corporation AT25DF161 Datasheet HTML 43Page - ATMEL Corporation AT25DF161 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
40
3687C–DFLASH–7/09
AT25DF161 [Preliminary]
11.2 Write Status Register Byte 1
The Write Status Register Byte 1 command is used to modify the SPRL bit of the Status Regis-
ter and/or to perform a Global Protect or Global Unprotect operation. Before the Write Status
Register Byte 1 command can be issued, the Write Enable command must have been previ-
ously issued to set the WEL bit in the Status Register to a logical “1”.
To issue the Write Status Register Byte 1 command, the CS pin must first be asserted and the
opcode of 01h must be clocked into the device followed by one byte of data. The one byte of
data consists of the SPRL bit value, a don’t care bit, four data bits to denote whether a Global
Protect or Unprotect should be performed, and two additional don’t care bits (see Table 11-3).
Any additional data bytes that are sent to the device will be ignored. When the CS pin is deas-
serted, the SPRL bit in the Status Register will be modified, and the WEL bit in the Status
Register will be reset back to a logical “0”. The values of bits 5, 4, 3, and 2 and the state of the
SPRL bit before the Write Status Register Byte 1 command was executed (the prior state of the
SPRL bit) will determine whether or not a Global Protect or Global Unprotect will be performed.
Please refer to “Global Protect/Unprotect” on page 24 for more details.
The complete one byte of data must be clocked into the device before the CS pin is deasserted,
and the CS pin must be deasserted on even byte boundaries (multiples of eight bits); otherwise,
the device will abort the operation, the state of the SPRL bit will not change, no potential Global
Protect or Unprotect will be performed, and the WEL bit in the Status Register will be reset back
to the logical “0” state.
If the WP pin is asserted, then the SPRL bit can only be set to a logical “1”. If an attempt is made
to reset the SPRL bit to a logical “0” while the WP pin is asserted, then the Write Status Register
Byte 1 command will be ignored, and the WEL bit in the Status Register will be reset back to the
logical “0” state. In order to reset the SPRL bit to a logical “0”, the WP pin must be deasserted.
Figure 11-2. Write Status Register Byte 1
Table 11-3.
Write Status Register Byte 1 Format
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
SPRL
X
Global Protect/Unprotect
X
X
SCK
CS
SI
SO
MSB
23
1
0
0000000
67
5
4
OPCODE
10 11
9
814 15
13
12
1
MSB
DXD
D
D
D
X
X
STATUS REGISTER IN
BYTE 1
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com